Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 354Page - Renesas Technology Corp M32C/8A Datasheet HTML 355Page - Renesas Technology Corp M32C/8A Datasheet HTML 356Page - Renesas Technology Corp M32C/8A Datasheet HTML 357Page - Renesas Technology Corp M32C/8A Datasheet HTML 358Page - Renesas Technology Corp M32C/8A Datasheet HTML 359Page - Renesas Technology Corp M32C/8A Datasheet HTML 360Page - Renesas Technology Corp M32C/8A Datasheet HTML 361Page - Renesas Technology Corp M32C/8A Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 341 of 352
REJ09B0385-0100
24.6
DMAC
• Set the DMAC-associated registers while bits MDi1 and MDi0 (i = 0 to 3) in the channel i are set to 00b (DMA
disabled). Then, set bits MDi1 and MDi0 to 01b (single transfer) or 11b (repeat transfer) at the end of the setup
procedure, which enables the DMA request of the channel i to be acknowledged.
• Write a 1 (requested) to the DRQ bit when setting the DMiSL register.
In the M32C/80 Series, if a DMA request is generated but a receiving channel is not ready(1), a DMA transfer does
not occur and the DRQ bit becomes 0.
NOTE:
1. Bits MDi1 and MDi0 are set to 00b or the DCTi register is 0000h (transferred 0 time).
• To start a DMA transfer using a software trigger, set bits DSR and DRQ in the DMiSL register to 1
simultaneously.
e.g.,
OR.B #0A0h, DMiSL
; set bits DSR and DRQ to 1 simultaneously
• While the DCTi register in the channel i is set to 1, do not generate a DMA request in the channel i in the timing
that bits MDi1 and MDi0 in the DMDj register (j = 0, 1) corresponding to the channel i are set to 01b (single
transfer) or 11b (repeat transfer). (Technical update: TN-M16C-88-0209)
• Select a peripheral function used as a DMA request source after setting the DMA-associated registers. When the
INT interrupt is selected as a DMA request source, do not set the DCTi register to 1.
• Wait six CPU clock cycles or more by program to enable DMA after setting the DMiSL register(2).
NOTE:
2. To enable DMA means changing bits MDi1 and MDi0 in the DMDj register from 00b (DMA disabled)
to 01b (single transfer) or 11b (repeat transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com