Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 355Page - Renesas Technology Corp M32C/8A Datasheet HTML 356Page - Renesas Technology Corp M32C/8A Datasheet HTML 357Page - Renesas Technology Corp M32C/8A Datasheet HTML 358Page - Renesas Technology Corp M32C/8A Datasheet HTML 359Page - Renesas Technology Corp M32C/8A Datasheet HTML 360Page - Renesas Technology Corp M32C/8A Datasheet HTML 361Page - Renesas Technology Corp M32C/8A Datasheet HTML 362Page - Renesas Technology Corp M32C/8A Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 342 of 352
REJ09B0385-0100
24.7
Timers
24.7.1
Timer A, Timer B
Timers are stopped after reset. Set the TAiS (i = 0 to 4) or TBjS (j = 0 to 5) bit in the TABSR or TBSR register
to 1 (count starts) after setting timer operating mode, count source, and counter value.
The following registers and bits must be changed while the TAiS or TBjS bit is set to 0 (count stops).
• Registers TAiMR and TBjMR
• UDF register
• Bits TAZIE, TA0TGL, and TA0TGH in the ONSF register
• TRGSR register
24.7.2
Timer A
24.7.2.1
Timer A (Timer Mode)
• The TAiS bit (i = 0 to 4) in the TABSR register is set to 0 (count stops) after reset. Set the TAiS bit to 1
(count starts) after selecting timer operating mode and setting the TAi register.
• The TAi register indicates a counter value while counting at any given time. However, FFFFh can be read
in the reload timing. A setting value can be read between when the TAi register is set while a counter stops
and when a counter is started.
24.7.2.2
Timer A (Event Counter Mode)
• The TAiS bit (i = 0 to 4) is set to 0 (count stops) after reset. Set the TAiS bit to 1 (count starts) after
selecting timer operating mode and setting the TAi register.
• The TAi register indicates a counter value while counting at any given time. However, FFFFh can be read
if the timer underflows or 0000h if the timer overflows, in the reload timing. A setting value can be read
between setting the TAi register while a counter stops and starting a counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com