Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 356Page - Renesas Technology Corp M32C/8A Datasheet HTML 357Page - Renesas Technology Corp M32C/8A Datasheet HTML 358Page - Renesas Technology Corp M32C/8A Datasheet HTML 359Page - Renesas Technology Corp M32C/8A Datasheet HTML 360Page - Renesas Technology Corp M32C/8A Datasheet HTML 361Page - Renesas Technology Corp M32C/8A Datasheet HTML 362Page - Renesas Technology Corp M32C/8A Datasheet HTML 363Page - Renesas Technology Corp M32C/8A Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 343 of 352
REJ09B0385-0100
24.7.2.3
Timer A (One-Shot Timer Mode)
• The TAiS bit (i = 0 to 4) in the TABSR register is set to 0 (count stops) after reset. Set the TAiS bit to 1
(count starts) after selecting timer operating mode and setting the TAi register.
• The following occurs when the TAiS bit in the TABSR register is set to 0 (count stops) while counting.
• The counter stops counting and the contents of the reload register is reloaded.
• The TAiOUT pin outputs a low-level (“L”) signal.
• The IR bit in the TAiIC register becomes 1 (interrupt requested) after one CPU clock cycle.
• One-shot timer is operated by an internal count source. When an external trigger is selected, a maximum of
one count source clock delay occurs between the trigger input to the TAiIN pin and the one-shot timer
output.
• The IR bit becomes 1 when one of the following procedures are used to set timer operating mode.
• When selecting one-shot timer mode after reset.
• When switching from timer mode to one-shot timer mode.
• When switching from event counter mode to one-shot timer mode.
To use the timer Ai interrupt (IR bit), set the IR bit to 0 after one of the above setting has done.
• When a retrigger occurs while counting, the contents of the reload register is reloaded after the counter
decrements by one, and continues counting.
To generate a retrigger while counting, wait 1 count source clock cycle or more after the last trigger.
• When an external trigger input is selected to start counting in timer A one-shot timer mode, do not provide
an external retrigger input for 300 ns before a timer A counter value reaches 0000h. One-shot timer may
stop counting.
(Technical update: TN-16C-125A/EA)
24.7.2.4
Timer A (Pulse Width Modulation Mode)
• The TAiS bit (i = 0 to 4) in the TABSR register is set to 0 (count stops) after reset. Set the TAiS bit to 1
(count starts) after selecting timer operating mode and setting the TAi register.
• The IR bit becomes 1 when one of the following procedures are used to select timer operating mode.
• When selecting PWM mode after reset.
• When switching from timer mode to PWM mode.
• When switching from event counter mode to PWM mode.
To use the timer Ai interrupt (IR bit), set the IR bit to 0 after one of the above setting has done.
• The following occurs when the TAiS bit is set to 0 (count stops) while PWM pulse is output.
• The counter stops.
• If the TAiOUT pin outputs a high-level (“H”) signal, the signal changes to “L” and the IR bit
becomes 1.
• If the TAiOUT pin outputs an “L” signal, its output signal and the IR bit remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com