Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 360Page - Renesas Technology Corp M32C/8A Datasheet HTML 361Page - Renesas Technology Corp M32C/8A Datasheet HTML 362Page - Renesas Technology Corp M32C/8A Datasheet HTML 363Page - Renesas Technology Corp M32C/8A Datasheet HTML 364Page - Renesas Technology Corp M32C/8A Datasheet HTML 365Page - Renesas Technology Corp M32C/8A Datasheet HTML 366Page - Renesas Technology Corp M32C/8A Datasheet HTML 367Page - Renesas Technology Corp M32C/8A Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 347 of 352
REJ09B0385-0100
24.10 A/D Converter
• Set the ADST bit to 1 (A/D conversion starts) after setting registers AD0CON0 (ADST bit excluded),
AD0CON1, AD0CON2, AD0CON3, and AD0CON4.
• When the VCUT bit in the AD0CON1 register is changed from 0 (VREF not connected) to 1 (VREF
connected), wait for 1
μs or more to start A/D conversion.
Set the VCUT bit to 0 when A/D conversion is not used to reduce power consumption.
• To prevent latch-up and malfunction due to noise and also to minimize a conversion error, insert a capacitor
between the AVSS pin and each of the following pins: the AVCC pin, VREF pin, or analog input pin ANi_j
(i = none, 15; j = 0 to 7). Insert a capacitor between the VCC pin and the VSS pin as well. Figure 24.4 shows
an example of individual pin handling.
Figure 24.4
Individual Pin Handling
• Set the port direction bit in the PDk register (k = 0 to 15), which corresponds to a pin used as an analog input
pin, to 0 (input mode). Also, set the port direction bit in the PDk register corresponding to the ADTRG pin, to
0 (input mode.)
• When the key input interrupt is used, do not select pins P10_4 to P10_7 (AN_4 to AN_7) as analog input pins.
• φAD frequency must be 16 MHz or lower when VCC1 = 4.2 V to 5.5 V, or 10 MHz or lower when
VCC1 = 3.0 V to 5.5 V. When the sample and hold is not activated,
φAD frequency must be 250 kHz or
higher. When the sample and hold is activated,
φAD frequency must be 1 MHz or higher.
• When A/D operating mode is changed, set bits CH2 to CH0 in the AD0CON0 register or bits SCAN1 and
SCAN0 in the AD0CON1 register again to select analog input pins.
• The voltage applied to AN_0 to AN_7, AN15_0 to AN15_7, ANEX0, and ANEX1 must be VCC1 or below.
VCC1
VSS
AVCC
AVSS
VREF
ANi
C4
C1
C2
C3
MCU
NOTES:
1.C1
≥ 0.47
μF, C2 ≥ 0.47 μF, C3 ≥ 10000 pF, C4 ≥ 0.1 μF, C5 ≥ 0.1 μF (reference values)
2.Use thick and shortest possible wiring to connect capacitors.
VCC2
VSS
C5
VCC1
VCC2
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com