Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 129Page - Renesas Technology Corp M32C/8A Datasheet HTML 130Page - Renesas Technology Corp M32C/8A Datasheet HTML 131Page - Renesas Technology Corp M32C/8A Datasheet HTML 132Page - Renesas Technology Corp M32C/8A Datasheet HTML 133Page - Renesas Technology Corp M32C/8A Datasheet HTML 134Page - Renesas Technology Corp M32C/8A Datasheet HTML 135Page - Renesas Technology Corp M32C/8A Datasheet HTML 136Page - Renesas Technology Corp M32C/8A Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 372 page
background image
M32C/8A Group
12. Watchdog Timer
Rev.1.00
Jul 15, 2007
Page 116 of 352
REJ09B0385-0100
12. Watchdog Timer
The watchdog timer is used to detect the program running improperly. The watchdog timer contains a 15-bit free-
running counter. If a write to the WDTS register is not performed due to a program running out of control, the free-
running counter underflows, which results in the watchdog timer interrupt generation or the MCU reset. When
operating the watchdog timer, write to the WDTS register in a shorter cycle than the watchdog timer cycle in such as
the main routine.
Tables 12.1 and 12.2 list specifications of the watchdog timer. Figure 12.1 shows a block diagram of the watchdog
timer. Figures 12.2 and 12.3 show registers associated with the watchdog timer.
Table 12.1
Watchdog Timer Specifications (1)
NOTE:
1. The watchdog timer shares the same vector with the oscillation stop detection interrupt and Vdet4 detection
interrupt. When using the watchdog timer interrupt simultaneously with these interrupts, determine whether the
watchdog timer interrupt is generated by reading the D43 bit in the D4INT register in the interrupt rouine.
Table 12.2
Watchdog Timer Specifications (2)
−: either 0 or 1
fCPU: CPU clock frequency
fROC: On-chip oscillator clock frequency
NOTES:
1. Once the PM22 bit is set to 1, it cannot be set to 0 by program.
2. Difference between the calculation result and actual period can be one count source cycle of the counter.
3. A write to the CM10 bit in the CM1 register is disabled. Writing a 1 has no effect and the MCU does not enter
stop mode. The watchdog timer interrupt cannot be used to exit wait mode.
Items
Specifications
Count operation
The free-running counter decrements
Count start condition
Writing to the WDTS register:
A write to the WDTS register initializes a free-running counter and the counter
decrements from 7FFFh
When underflows
One of the following occurs (selectable using the CM06 bit in the CM0 register):
• Watchdog timer interrupt generation(1)
• MCU reset
After underflows
The counter continues decrementing
(when the watchdog timer interrupt is selected)
Read from watchdog timer
A read from bit 4 to bit 0 in the WDC register returns bit 14 to bit 10 of the free-running
counter
Item
Bit Setting and Specifications
PM22 bit in PM2 register(1)
0
001
CM07 bit in CM0 register
0
0
1
−
WDC7 bit in WDC register
1
0
−−
Clock source
CPU clock
On-chip oscillator
Clock divided by MCD register
Sub clock
Prescaler
Divide-by-16
Divide-by-128
Divide-by-2
not available
Count source for counter
× 16
× 128
× 2
Time-out period (formula)(2)
× 524288
× 4194304
× 65536
× 32768
Time-out period (reference)
Approx. 16.4 ms
fCPU = 32 MHz
Approx. 131.1 ms
fCPU = 32 MHz
Approx. 2 s
fCPU = 32 kHz
Approx. 32.8 ms
fROC = 1 MHz
Operation in wait mode,
stop mode, and hold state
Stops
Operates(3)
1
fCPU
1
fCPU
1
fCPU
1
fROC
1
fCPU
1
fCPU
1
fCPU
1
fROC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com