Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 130Page - Renesas Technology Corp M32C/8A Datasheet HTML 131Page - Renesas Technology Corp M32C/8A Datasheet HTML 132Page - Renesas Technology Corp M32C/8A Datasheet HTML 133Page - Renesas Technology Corp M32C/8A Datasheet HTML 134Page - Renesas Technology Corp M32C/8A Datasheet HTML 135Page - Renesas Technology Corp M32C/8A Datasheet HTML 136Page - Renesas Technology Corp M32C/8A Datasheet HTML 137Page - Renesas Technology Corp M32C/8A Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 372 page
background image
M32C/8A Group
12. Watchdog Timer
Rev.1.00
Jul 15, 2007
Page 117 of 352
REJ09B0385-0100
Figure 12.1
Watchdog Timer Block Diagram
1/16
Prescaler
CM07=0
WDC7=0
CM06, CM07: bits in the CM0 register
WDC7: bit in the WDC register
PM22: bit in the PM2 register
D43: bit in the D4INT register
Watchdog timer interrupt signal
0
CM07=0
WDC7=1
CM07=1
Set to
7FFFh
Watchdog timer
On-chip oscillator clock
Write signal to the WDTS register
Internal reset signal
1/128
1/2
Reset
CPU clock
HOLD
PM22
1
CM06 0
1
Vdet4
detection
interrupt signal
Oscillation stop
detection
interrupt signal
D43
Watchdog timer
interrupt request
(non-maskable)
Wait mode signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com