Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 134Page - Renesas Technology Corp M32C/8A Datasheet HTML 135Page - Renesas Technology Corp M32C/8A Datasheet HTML 136Page - Renesas Technology Corp M32C/8A Datasheet HTML 137Page - Renesas Technology Corp M32C/8A Datasheet HTML 138Page - Renesas Technology Corp M32C/8A Datasheet HTML 139Page - Renesas Technology Corp M32C/8A Datasheet HTML 140Page - Renesas Technology Corp M32C/8A Datasheet HTML 141Page - Renesas Technology Corp M32C/8A Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 372 page
background image
M32C/8A Group
13. DMAC
Rev.1.00
Jul 15, 2007
Page 121 of 352
REJ09B0385-0100
A software trigger or an interrupt request generated by individual peripheral functions can be the DMA transfer request
source. Bits DSEL 4 to DSEL0 in the DMiSL register determine which source is selected. When a software trigger is
selected, a DMA transfer is started by setting the DSR bit in the DMiSL register to 1. When a peripheral function
interrupt request is selected, a DMA transfer is started by an interrupt request occurrence. The DMA transfer is
performed even if interrupts are disabled by the I flag, IPL, or Interrupt Control Register, since DMAC is free from
these affects. When an interrupt request (DMA request) is generated, the IR bit in the Interrupt Control Register
becomes 1. The IR bit, however, does not become 0 even if the DMA transfer is performed.
Table 13.1
DMAC Specifications
Item
Specification
Number of Channels
4 channels (cycle-steal method)
Transfer memory space
From a given address in a 16-Mbyte space to a fixed address in a 16-Mbyte space
From a fixed address in a 16-Mbyte space to a given address in a 16-Mbyte space
Maximum bytes transferred
128 Kbytes (when a 16-bit data is transferred)
64 Kbytes (when an 8-bit data is transferred)
DMA request source
Falling edge or both edges of signals applied to pins INT0 to INT3
Timer A0 to A4 interrupt requests
Timer B0 to B5 interrupt requests
UART0 to UART4 transmit and receive interrupt requests
A/D0 interrupt request
Software trigger
Channel priority
DMA0 > DMA1 > DMA2 > DMA3 (DMA0 has the highest priority)
Transfer unit
8 bits, 16 bits
Transfer address
Fixed address: one specified address
Incremented address: address which is incremented by a transfer unit on each
successive access.
(Source address and destination address cannot be both fixed nor both
incremented.)
Transfer
mode
Single transfer
Transfer is completed when the DCTi register (i = 0 to 3) becomes 0000h
Repeat transfer
When the DCTi register becomes 0000h, values of the DRCi register are reloaded
into the DCTi register and the DMA transfer continues.
DMA interrupt request
generation timing
When the DCTi register becomes from 0001h to 0000h, a DMA interrupt request
is generated.
DMA startup Single transfer
DMAC starts a data transfer when a DMA request is generated after bits MDi1 and
MDi0 in the DMDj register (j = 0 to 1) are set to 01b (single transfer), while the DCTi
register is set to 0001h or higher value.
Repeat transfer
DMAC starts a data transfer when a DMA request is generated after bits MDi1 and
MDi0 are set to 11b (repeat transfer), while the DCTi register is set to 0001h or
higher value.
DMA stop
Single transfer
When bits MDi1 and MDi0 are set to 00b (DMA disabled)
DMAC stops when the DCTi register becomes 0000h (0 DMA transfer) by a DMA
transfer completion or by writing.
Repeat transfer
When bits MDi1 and MDi0 are set to 00b (DMA disabled)
DMAC stops when the DCTi register becomes 0000h (0 DMA transfer) by a DMA
transfer completion or writing and the DRCi register is 0000h.
Reload timing to registers DCTi
and DMAi
Values are reloaded when the DCTi register becomes from 0001h to 0000h in
repeat transfer mode.
DMA transfer time
Between SFR area and internal RAM transfer: minimum 3 bus clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com