Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 137Page - Renesas Technology Corp M32C/8A Datasheet HTML 138Page - Renesas Technology Corp M32C/8A Datasheet HTML 139Page - Renesas Technology Corp M32C/8A Datasheet HTML 140Page - Renesas Technology Corp M32C/8A Datasheet HTML 141Page - Renesas Technology Corp M32C/8A Datasheet HTML 142Page - Renesas Technology Corp M32C/8A Datasheet HTML 143Page - Renesas Technology Corp M32C/8A Datasheet HTML 144Page - Renesas Technology Corp M32C/8A Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 372 page
background image
M32C/8A Group
13. DMAC
Rev.1.00
Jul 15, 2007
Page 124 of 352
REJ09B0385-0100
Figure 13.3
DMA0 to DMA3 Registers, DSA0 to DSA3 Registers
b23
Symbol
DMA0(2)
DMA1(2)
DMA2 (bank1:A0)(3)
DMA3 (bank1:A1)(4)
Address
(CPU internal register)
(CPU internal register)
(CPU internal register)
(CPU internal register)
After Reset
XXXXXXh
XXXXXXh
000000h
000000h
b0
Function
RW
DMAi Memory Address Register (i = 0 to 3)
RW
Set an incremented source address or incremented destination
address(1)
NOTES:
1. When the RWk bit (k = 0 to 3) in the DMDj register (j = 0, 1) is set to 0 (fixed address to incremented address), a destination
address is selected. When the RWk bit is set to 1 (incremented address to fixed address), a source address is selected.
2. Use the LDC instruction to set registers DMA0 and DMA1.
3. To set the DMA2 register, set the B flag in the FLG register to 1 (register bank 1) and write to the A0 register.
4. To set the DMA3 register, set the B flag to 1 and write to the A1 register.
Setting Range
000000h to FFFFFFh
(16 Mbytes)
b16 b15
b8 b7
b23
Symbol
DSA0(2)
DSA1(2)
DSA2 (bank1:SB)(3)
DSA3 (bank1:FB)(4)
Address
(CPU internal register)
(CPU internal register)
(CPU internal register)
(CPU internal register)
After Reset
XXXXXXh
XXXXXXh
000000h
000000h
b0
Function
RW
DMAi SFR Address Register (i = 0 to 3)
RW
Set a fixed source address or fixed destination address(1)
NOTES:
1. When the RWk bit (k = 0 to 3) in the DMDj register (j = 0, 1) is set to 0 (fixed address to incremented address), a source address
is selected. When the RWk bit is set to 1 (incremented address to fixed address), a destination address is selected.
2. Use the LDC instruction to set registers DSA0 and DSA1.
3. To set the DSA2 register, set the B flag in the FLG register to 1 (register bank 1) and write to the SB register using the LDC
instruction.
4. To set the DSA3 register, set the B flag to 1 and write to the FB register using the LDC instruction.
Setting Range
000000h to FFFFFFh
(16 Mbytes)
b16 b15
b8 b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com