Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 139Page - Renesas Technology Corp M32C/8A Datasheet HTML 140Page - Renesas Technology Corp M32C/8A Datasheet HTML 141Page - Renesas Technology Corp M32C/8A Datasheet HTML 142Page - Renesas Technology Corp M32C/8A Datasheet HTML 143Page - Renesas Technology Corp M32C/8A Datasheet HTML 144Page - Renesas Technology Corp M32C/8A Datasheet HTML 145Page - Renesas Technology Corp M32C/8A Datasheet HTML 146Page - Renesas Technology Corp M32C/8A Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 372 page
background image
M32C/8A Group
13. DMAC
Rev.1.00
Jul 15, 2007
Page 126 of 352
REJ09B0385-0100
Figure 13.5
DMD0 Register
b7 b6 b5 b4
b1
b2
b3
DMA Mode Register 0(1)
Symbol
DMD0
Address
(CPU internal register)
Bit Symbol
RW
MD00
After Reset
00h
RW
NOTE:
1. Use the LDC instruction to set the DMD0 register.
b0
MD01
RW
RW
BW0
RW0
MD10
RW1
RW
RW
MD11
BW1
RW
RW
RW
Channel 0
transfer unit select bit
Channel 1
transfer unit select bit
Channel 0
transfer mode select bits
Channel 0
transfer direction select bit
Channel 1
transfer mode select bits
Channel 1
transfer direction select bit
Bit Name
Function
0: 8 bits
1: 16 bits
0: 8 bits
1: 16 bits
b1 b0
0 0: DMA disabled
0 1: Single transfer
1 0: Do not set to this value
1 1: Repeat transfer
0: Fixed address to incremented address
1: Incremented address to fixed address
b5 b4
0 0: DMA disabled
0 1: Single transfer
1 0: Do not set to this value
1 1: Repeat transfer
0: Fixed address to incremented address
1: Incremented address to fixed address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com