Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 149Page - Renesas Technology Corp M32C/8A Datasheet HTML 150Page - Renesas Technology Corp M32C/8A Datasheet HTML 151Page - Renesas Technology Corp M32C/8A Datasheet HTML 152Page - Renesas Technology Corp M32C/8A Datasheet HTML 153Page - Renesas Technology Corp M32C/8A Datasheet HTML 154Page - Renesas Technology Corp M32C/8A Datasheet HTML 155Page - Renesas Technology Corp M32C/8A Datasheet HTML 156Page - Renesas Technology Corp M32C/8A Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 372 page
background image
M32C/8A Group
14. DMACII
Rev.1.00
Jul 15, 2007
Page 136 of 352
REJ09B0385-0100
Table 14.2
DMACII Index Configuration in Transfer Mode
Figure 14.3
MOD
DMAC II index
Not used
Chain transfer
Used
Used
Not used
End-of-
Transfer
Interrupt
Not used
Used
Not used
Used
Transfer data
Memory-to-Memory Transfer/
Immediate Data Transfer
Multiple
Transfer
Calculation Transfer
Used
Cannot used
Not used
Not used
Used
Used
Not used
Used
Not used
8 bytes
12 bytes
16 bytes
18 bytes
MOD
SADR
DADR
COUNT
MOD
CADR0
SADR
DADR
COUNT
CADR1
MOD
IADR0
SADR
DADR
COUNT
IADR1
MOD
CADR0
SADR
DADR
COUNT
IADR0
IADR1
CADR1
MOD
DADR
SADR
OADR
COUNT
IADR1
CADR1
IADR0
CADR0
MOD
DADR
SADR
OADR
COUNT
MOD
DADR
SADR
OADR
COUNT
CADR1
CADR0
MOD
DADR
SADR
OADR
COUNT
IADR1
IADR0
MOD
DADR1
SADR1
COUNT
DADRi
SADRi
10 bytes
14 bytes
14 bytes
i = 1 to 7
max. 32 bytes
(when i = 7)
Cannot used
12 bytes
b15
b8 b7
b0
Function
(MULT = 0)
Bit Symbol
Bit Name
RW
Transfer Mode (MOD)(1)
NOTES:
1. MOD must be located in the RAM.
2. When the MULT bit is set to 0, bits 6 to 4 function as bits OPER, BRST, and INTE. When the MULT bit is set to 1, bits 6 to 4
function as bits CNT2 to CNT0.
Function
(MULT = 1)
SIZE
Transfer unit select bit
0: 8 bits
1: 16 bits
RW
IMM
Transfer data select bit
0: Immediate data
1: Memory
RW
Set to 1
UPDS
Transfer source direction
select bit
0: Fixed address
1: Incremented address
RW
UPDD
Transfer destination
direction select bit
0: Fixed address
1: Incremented address
RW
Calculation transfer
function select bit
0: Not used
1: Used
RW
b6 b5 b4
0 0 0: Do not set to this
value
0 0 1: Once
0 1 0: Twice
:
:
1 1 0: 6 times
1 1 1: 7 times
OPER/
CNT0(2)
Burst transfer select bit
0: Single transfer
1: Burst transfer
RW
BRST/
CNT1(2)
End-of-transfer interrupt
select bit
0: Interrupt not used
1: Interrupt used
RW
INTE/
CNT2(2)
CHAIN
Chain transfer
select bit
0: Chain transfer not
used
1: Chain transfer used
RW
Set to 0
−
(b14-b8)
Unimplemented.
Write 0. Read as undefined value.
−
MULT
Multiple transfer
select bit
0: Multiple transfer not
used
RW
1: Multiple transfer used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com