Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 153Page - Renesas Technology Corp M32C/8A Datasheet HTML 154Page - Renesas Technology Corp M32C/8A Datasheet HTML 155Page - Renesas Technology Corp M32C/8A Datasheet HTML 156Page - Renesas Technology Corp M32C/8A Datasheet HTML 157Page - Renesas Technology Corp M32C/8A Datasheet HTML 158Page - Renesas Technology Corp M32C/8A Datasheet HTML 159Page - Renesas Technology Corp M32C/8A Datasheet HTML 160Page - Renesas Technology Corp M32C/8A Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 372 page
background image
M32C/8A Group
14. DMACII
Rev.1.00
Jul 15, 2007
Page 140 of 352
REJ09B0385-0100
14.7
Execution Time
DMACII execution time is calculated by the following equations (single-speed mode):
Multiple transfers: t [bus clock] = 21+ (11 + b + c) × k
Other than multiple transfers: t [bus clock] = 6 + (26 + a + b + c + d) × m + (4 + e) × n
a: If IMM = 0 (source is immediate data), a = 0; if IMM = 1 (source is data in memory location), a = -1.
b: If UPDS = 1 (source address is incremented), b = 0; if UPDS = 0 (source address is fixed), b = 1.
c: If UPDD = 1 (destination address is incremented), c = 0; if UPDD = 0 (destination address is fixed), c = 1.
d: If OPER = 0 (calculation function is not selected), d = 0;
if OPER = 1 (calculation function is selected) and UPDS = 0 (source is immediate data or fixed address in
memory location), d = 7;
if OPER = 1 (calculation function is selected) and UPDS = 1 (source is incremented address in memory
location), d = 8.
e: If CHAIN = 0 (chain transfer is not selected), e = 0; if CHAIN = 1 (chain transfer is selected), e = 4.
m: If BRST = 0 (single transfer), m = 1; if BRST = 1 (burst transfer), m = a value set in COUNT.
n: If COUNT = 1, n = 0; if COUNT = 2 or more, n = 1.
k: The number of transfers set in bits CNT2 to CNT0 in MOD.
The above equations are approximations. The execution time varies depending on CPU state, bus wait states, and
DMACII index allocation.
The first instruction of the end-of-transfer interrupt routine is executed in the eighth bus clock after the DMACII
transfer is completed.
Figure 14.5
Transfer Time
When a DMACII transfer request is generated simultaneously with another request having a higher priority (e.g.,
NMI or watchdog timer), the interrupt with higher priority is acknowledged first, and the pending DMACII transfer
starts after the interrupt sequence of the higher priority interrupt has been completed.
Conditions of the example below:
-memory-to-memory transfer (a = -1)
-incremented source address (b = 0)
-fixed destination address (c = 1)
-no calculation function (d = 0)
-no chain transfer (e = 0)
-single transfer (m = 1)
-the end-of-transfer interrupt (transfer counter = 2) occurs
Transfer counter = 2
Transfer counter is decremented.
Transfer counter = 1
7 clocks
DMACII transfer
requested
Program
First DMACII transfer
t = 6 + 26 x 1 + 4 x 1 = 36 bus clocks
Second DMACII transfer t = 6 + 26 x 1 + 4 x 0 = 32 bus clocks
DMACII transfer
requested
First
DMACII transfer
End-of-transfer interrupt
routine executed
32 clocks
Program
Transfer counter = 1
Transfer counter is decremented.
Transfer counter = 0
Second
DMACII transfer
36 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com