Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 156Page - Renesas Technology Corp M32C/8A Datasheet HTML 157Page - Renesas Technology Corp M32C/8A Datasheet HTML 158Page - Renesas Technology Corp M32C/8A Datasheet HTML 159Page - Renesas Technology Corp M32C/8A Datasheet HTML 160Page - Renesas Technology Corp M32C/8A Datasheet HTML 161Page - Renesas Technology Corp M32C/8A Datasheet HTML 162Page - Renesas Technology Corp M32C/8A Datasheet HTML 163Page - Renesas Technology Corp M32C/8A Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 143 of 352
REJ09B0385-0100
15.1
Timer A
Timer A contains the following four modes. Except in event counter mode, all timers A0 to A4 have the same
functionality. Bits TMOD1 and TMOD0 in the TAiMR register (i = 0 to 4) determine which mode is used.
• Timer mode: The timer counts the internal count source.
• Event counter mode: The timer counts overflow/underflow signal of another timer or the external pulses.
• One-shot timer mode: The timer operates only once for one trigger.
• Pulse width modulation mode: The timer continuously outputs given pulse widths.
Figure 15.3 shows a block diagram of timer A. Figures 15.4 to 15.13 show the registers associated with timer A.
Table 15.1 lists TAiOUT pin settings to use in output mode. Table 15.2 lists TAiIN and TAiOUT pin settings to use
in input mode.
Figure 15.3
Timer A Block Diagram
Reload register
00
01
10
11
Clock source select
Clock select
TAiS
Polarity
Selector
High-order bits of data bus
8 low-order
bits
8 high-order
bits
Increment/decrement
TAiUD
Toggle flip flop
MR2
TMOD1 and TMOD0
Decrement
Function select register
TAiOUT
TAiIN
TAiTGH to TAiTGL
· Event counter mode
· Timer Mode (Gate Function)
· Timer mode
· One-shot timer mode
· Pulse width modulation mode
TMOD1 and TMOD0, MR2
TCK1 and TCK0
TB2 Overflow(2)
TAj Overflow(2)
TAk Overflow(2)
i = 0 to 4
j = i - 1, except j = 4 if i = 0
k = i + 1, except k = 0 if i = 4
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or
divide-by-2n (n = 1 to 15).
2. Overflow signal or underflow signal.
TCK1 and TCK0, TMOD1 and TMOC0, MR2 and MR1: Bits in the TAiMR register
TAiTGH to TAiTGL: Bits in the ONSF register if i = 0 or bits in the TRGSR register if i = 1 to 4
TAiS: Bit in the TABSR register
TAiUD: Bit in the UDF register
f1
f8
f2n(1)
fC32
00
01
10
11
0
1
Counter
11
00
01
10
11
Low-order bits of data bus
TAi
Addresses
TAj
TAk
Timer A0
0347h 0346h
Timer A4
Timer A1
Timer A1
0349h 0348h
Timer A0
Timer A2
Timer A2
034Bh 034Ah
Timer A1
Timer A3
Timer A3
034Dh 034Ch
Timer A2
Timer A4
Timer A4
034Fh 034Eh
Timer A3
Timer A0
Always decrement except
in event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com