Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 158Page - Renesas Technology Corp M32C/8A Datasheet HTML 159Page - Renesas Technology Corp M32C/8A Datasheet HTML 160Page - Renesas Technology Corp M32C/8A Datasheet HTML 161Page - Renesas Technology Corp M32C/8A Datasheet HTML 162Page - Renesas Technology Corp M32C/8A Datasheet HTML 163Page - Renesas Technology Corp M32C/8A Datasheet HTML 164Page - Renesas Technology Corp M32C/8A Datasheet HTML 165Page - Renesas Technology Corp M32C/8A Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 145 of 352
REJ09B0385-0100
Figure 15.5
TA0MR to TA4MR Registers in Timer Mode
b7
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
TA0MR to TA4MR
Address
0356h, 0357h, 0358h, 0359h, 035Ah
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
MR3
TCK1
Gate function select bits
RW
RW
RW
RW
MR2
RW
MR1
Count source select bits
TCK0
Timer Ai Mode Register (i = 0 to 4)(Timer Mode)
TMOD1
RW
Reserved bit
RW
−
(b2)
b1 b0
0 0: Timer mode
Operating mode select bits
TMOD0
RW
Set to 0
b4 b3
0 0:
Gate function disabled
0 1:
(TAiIN pin is a programmable I/O port)
1 0: Timer counts only while an "L" signal is input
to the TAiIN pin
1 1: Timer counts only while an "H" signal is
input to the TAiIN pin
Set to 0 in timer mode
b7 b6
0 0: f1
0 1: f8
1 0: f2n(1)
1 1: fC32
NOTE:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divided-by-2n (n = 1 to 15). To select f2n, set the
CST bit in the TCSPR register to 1 before setting bits TCK1 and TCK0 to 10b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com