Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 159Page - Renesas Technology Corp M32C/8A Datasheet HTML 160Page - Renesas Technology Corp M32C/8A Datasheet HTML 161Page - Renesas Technology Corp M32C/8A Datasheet HTML 162Page - Renesas Technology Corp M32C/8A Datasheet HTML 163Page - Renesas Technology Corp M32C/8A Datasheet HTML 164Page - Renesas Technology Corp M32C/8A Datasheet HTML 165Page - Renesas Technology Corp M32C/8A Datasheet HTML 166Page - Renesas Technology Corp M32C/8A Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 146 of 352
REJ09B0385-0100
Figure 15.6
TA0MR to TA4MR Registers in Event Counter Mode
b7
1
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
TA0MR to TA4MR
Address
0356h, 0357h, 0358h, 0359h, 035Ah
After Reset
00h
b0
Function
(When not processing
two-phase pulse signals)
Bit Symbol
Bit Name
RW
MR3
TCK1
Count polarity select bit(2)
RW
RW
RW
RW
MR2
RW
MR1
TCK0
Timer Ai Mode Register (i = 0 to 4)(Event Counter Mode)
TMOD1
RW
Reserved bit
RW
−
(b2)
b1 b0
0 1: Event counter mode(1)
Operating mode select bits
TMOD0
RW
Set to 0
Increment/decrement
switching source select bit
NOTES:
1. Bits TAiTGH and TAiTGL in the ONSF or TRGSR register determine a count source in event counter mode.
2. The MR1 bit is enabled only when counting external signals.
3. The counter decrements when an "L" signal is applied to the TAiOUT pin. The counter increments when an "H" signal is applied
to the TAiOUT pin.
4. The TCK1 bit is enabled only in the TA3MR register. The TCK1 bit in registers TA0MR to TA2MR and TA4MR are disabled.
5. For two-phase pulse signal processing, set the TAjP bit in the UDF register (j = 2 to 4) to 1 (two-phase pulse signal processing
function enabled). Also, set bits TAjTGH and TAjTGL in the TRGSR register to 00b (input to the TAjIN pin).
Function
(When processing
two-phase pulse signals)
0: Falling edges of an
external signal counted
1: Rising edges of an
external signal counted
Set to 0
Set to 1
0: UDF registser setting
1: Signal applied to the
TAiOUT pin(3)
Count operation type
select bit
Two-phase pulse signal
processing operation
select bit(4,5)
0: Normal processing
operation
1: Multiply-by-4
processing operation
Set to 0 in event counter mode
0: Reload
1: Free running
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com