Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 163Page - Renesas Technology Corp M32C/8A Datasheet HTML 164Page - Renesas Technology Corp M32C/8A Datasheet HTML 165Page - Renesas Technology Corp M32C/8A Datasheet HTML 166Page - Renesas Technology Corp M32C/8A Datasheet HTML 167Page - Renesas Technology Corp M32C/8A Datasheet HTML 168Page - Renesas Technology Corp M32C/8A Datasheet HTML 169Page - Renesas Technology Corp M32C/8A Datasheet HTML 170Page - Renesas Technology Corp M32C/8A Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 150 of 352
REJ09B0385-0100
Figure 15.10
UDF Register
b7 b6 b5 b4
b1
b2
b3
Symbol
UDF
Address
0344h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
TA2P
Timer A3 up/down select bit(2)
RW
RW
TA4UD
WO
TA3UD
Timer A2
two-phase pulse signal
processing function select bit(3)
Up/Down Select Register(1)
Timer A4 up/down select bit(2)
Timer A1 up/down select bit(2)
TA1UD
RW
Timer A2 up/down select bit(2)
RW
TA2UD
0: Decrement
1: Increment
Timer A0 up/down select bit(2)
TA0UD
RW
0: Decrement
1: Increment
0: Decrement
1: Increment
0: Decrement
1: Increment
0: Decrement
1: Increment
0: Two-phase pulse signal processing function
disabled
1: Two-phase pulse signal processing function
enabled
NOTES:
1. Read-modify-write instructions cannot be used to set the UDF register. Refer to Usage Notes for details.
2. This bit is enabled when the MR2 bit in the TAiMR register (i = 0 to 4) is set to 0 (the UDF register causes increment/decrement
switching) in event counter mode.
3. Set these bits to 0 when not using the two-phase pulse signal processing function.
TA3P
WO
Timer A3
two-phase pulse signal
processing function select bit(3)
0: Two-phase pulse signal processing function
disabled
1: Two-phase pulse signal processing function
enabled
TA4P
WO
Timer A4
two-phase pulse signal
processing function select bit(3)
0: Two-phase pulse signal processing function
disabled
1: Two-phase pulse signal processing function
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com