Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 166Page - Renesas Technology Corp M32C/8A Datasheet HTML 167Page - Renesas Technology Corp M32C/8A Datasheet HTML 168Page - Renesas Technology Corp M32C/8A Datasheet HTML 169Page - Renesas Technology Corp M32C/8A Datasheet HTML 170Page - Renesas Technology Corp M32C/8A Datasheet HTML 171Page - Renesas Technology Corp M32C/8A Datasheet HTML 172Page - Renesas Technology Corp M32C/8A Datasheet HTML 173Page - Renesas Technology Corp M32C/8A Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 153 of 352
REJ09B0385-0100
Figure 15.13
ONSF Register
b7 b6
0 0: Input to the TA0IN pin selected
0 1: TB2 overflows selected(2)
1 0: TA4 overflows selected(2)
1 1: TA1 overflows selected(2)
0: Z-phase input disabled
1: Z-phase input enabled
0: In an idle state
1: Timer starts
0: In an idle state
1: Timer starts
0: In an idle state
1: Timer starts
0: In an idle state
1: Timer starts
b7 b6 b5 b4
b1
b2
b3
Symbol
ONSF
Address
0342h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
TAZIE
TA0TGH
Timer A3 one-shot start bit(1)
RW
RW
RW
RW
TA4OS
RW
TA3OS
Z-phase input enable bit
Timer A0 trigger select bits
TA0TGL
One-Shot Start Register
Timer A4 one-shot start bit(1)
Timer A1 one-shot start bit(1)
TA1OS
RW
Timer A2 one-shot start bit(1)
RW
TA2OS
0: In an idle state
1: Timer starts
Timer A0 one-shot start bit(1)
TA0OS
RW
NOTES:
1. Read as 0.
2. Overflow or underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com