Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 168Page - Renesas Technology Corp M32C/8A Datasheet HTML 169Page - Renesas Technology Corp M32C/8A Datasheet HTML 170Page - Renesas Technology Corp M32C/8A Datasheet HTML 171Page - Renesas Technology Corp M32C/8A Datasheet HTML 172Page - Renesas Technology Corp M32C/8A Datasheet HTML 173Page - Renesas Technology Corp M32C/8A Datasheet HTML 174Page - Renesas Technology Corp M32C/8A Datasheet HTML 175Page - Renesas Technology Corp M32C/8A Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 155 of 352
REJ09B0385-0100
15.1.1
Timer Mode
In timer mode, the timer counts an internally generated count source.
Table 15.3 lists specifications of timer mode. Figure 15.14 shows a timer mode operation (Timer A).
Table 15.3
Specifications of Timer Mode
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. Wait for one count source cycle or more to write after the count starts.
Figure 15.14
Operation in Timer Mode (Timer A)
Item
Specification
Count source
f1, f8, f2n(1), fC32
Count operation
• Counter decrements
When the timer underflows, the contents of the reload register are reloaded
into the counter and the count continues.
Counter cycle
n + 1
fj: count source frequency
fj
n: setting value of the TAi register (i = 0 to 4), 0000h to FFFFh
Count start condition
The TAiS bit in the TABSR register is set to 1 (count starts)
Count stop condition
The TAiS bit is set to 0 (count stops)
Interrupt request generation timing When the timer underflows
TAiIN pin function
Input for gate function
TAiOUT pin function
Pulse output
Read from timer
A read from the TAi register returns a counter value
Write to timer
• A write to the TAi register while the count is stopped:
The value is written to both the reload register and the counter.
• A write to the TAi register while counting:
The value is written to the reload register (It is transferred to the counter at the
next reload timing).(2)
Selectable function
• Gate function
A signal applied to the TAiIN pin determines whether the count starts or stops.
• Pulse output function
The polarity of the TAiOUT pin is inverted whenever the timer underflows.
The TAiOUT pin outputs an “L” signal while the TAiS bit is 0 (count stops).
Count starts
FFFFh
n
Count stops
i = 0 to 4
TAiS bit in the
TABSR register
Contents of the counter
n = contents of the reload
register
0000h
IR bit in the TAiIC
register
0
1
TAiOUT pin (output)
(Conditions) TAiMR register: Bits TMOD1 and TMOD0 are set to 00b (timer mode).
Bits MR2 and MR1 are set to 00b (gate function disabled).
Underflow
Reload
Underflow
Reload
0
1
“L”
“H”
Set to 0 by an interrupt request acknowledgement or by program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com