Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 174Page - Renesas Technology Corp M32C/8A Datasheet HTML 175Page - Renesas Technology Corp M32C/8A Datasheet HTML 176Page - Renesas Technology Corp M32C/8A Datasheet HTML 177Page - Renesas Technology Corp M32C/8A Datasheet HTML 178Page - Renesas Technology Corp M32C/8A Datasheet HTML 179Page - Renesas Technology Corp M32C/8A Datasheet HTML 180Page - Renesas Technology Corp M32C/8A Datasheet HTML 181Page - Renesas Technology Corp M32C/8A Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 161 of 352
REJ09B0385-0100
15.1.3
One-Shot Timer Mode
When a trigger occurs, the counter decrements until underflows. Then, the counter is reloaded and stops until
the next trigger occurs.
Table 15.6 lists specifications of one-shot timer mode. Figure 15.18 shows a one-shot timer mode operation.
Table 15.6
Specifications of One-Shot Timer Mode
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. Wait for one count source cycle or more to write after the count starts.
Item
Specification
Count source
f1, f8, f2n(1), fC32
Count operation
• Counter decrements
When the counter reaches 0000h, the counter is reloaded and stops until the
next trigger occurs.
If a trigger occurs while counting, the contents of the reload register are
reloaded into the counter and the count continues.
Number of counting
n times
n: setting value of the TAi register (i = 0 to 4), 0000h to FFFFh
(but the counter does not run if n = 0000h)
Count start condition
A trigger, selectable from the following, occurs while the TAiS bit in the TABSR
register is set to 1 (count starts):
• the TAiOS bit in the ONSF register is set to 1 (timer starts)
• an external trigger is applied to TAiIN pin
• timer B2 overflows or underflows,
• timer Aj overflows or underflows (j = i - 1, except j = 4 if i = 0),
• timer Ak overflows or underflows (k = i + 1, except k = 0 if i = 4)
Count stop condition
• After the counter reaches 0000h and the counter value is reloaded
• When the TAiS bit is set to 0 (count stops)
Interrupt request generation timing When the counter reaches 0000h
TAiIN pin function
Trigger input
TAiOUT pin function
Pulse output
Read from timer
A read from the TAi register returns undefined value
Write to timer
• A write to the TAi register while the count is stopped:
The value is written to both the reload register and the counter.
• A write to the TAi register while counting:
The value is written to the reload register (It is transferred to the counter at the
next reload timing).(2)
Selectable function
Pulse output function
“L” is output while the count stops. “H” is output while counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com