Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 175Page - Renesas Technology Corp M32C/8A Datasheet HTML 176Page - Renesas Technology Corp M32C/8A Datasheet HTML 177Page - Renesas Technology Corp M32C/8A Datasheet HTML 178Page - Renesas Technology Corp M32C/8A Datasheet HTML 179Page - Renesas Technology Corp M32C/8A Datasheet HTML 180Page - Renesas Technology Corp M32C/8A Datasheet HTML 181Page - Renesas Technology Corp M32C/8A Datasheet HTML 182Page - Renesas Technology Corp M32C/8A Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 372 page
background image
M32C/8A Group
15. Timers (Timer A)
Rev.1.00
Jul 15, 2007
Page 162 of 352
REJ09B0385-0100
Figure 15.18
Operation in One-Shot Timer Mode (Timer A)
FFFFh
m
0000h
Count starts
Re-trigger input
Count starts
Count starts
1 / fj x m
1 / fj x (m + 1)
fj: Frequency of the count source (f1, f8, f2n(1), fC32)
i = 0 to 4
TAiS bit in the
TABSR register
Contents of the
counter
m = contents of
the reload register
IR bit in the
TAiIC register
0
1
0
1
One-shot pulse
output from the
TAiOUT pin
“L”
“H”
Write signal to
TAiOS bit in the
ONSF register
NOTE:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
(Conditions) TAiMR register: Bits TMOD1 and TMOD0 are set to 10b (one-shot timer mode).
The MR2 bit is set to 0 (The TAiOS bit in the ONSF register is enabled).
Reload
Reload
Reload
Count stops
Count stops
Count stops
Set to 0 by an interrupt request acknowledgement or by program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com