Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 183Page - Renesas Technology Corp M32C/8A Datasheet HTML 184Page - Renesas Technology Corp M32C/8A Datasheet HTML 185Page - Renesas Technology Corp M32C/8A Datasheet HTML 186Page - Renesas Technology Corp M32C/8A Datasheet HTML 187Page - Renesas Technology Corp M32C/8A Datasheet HTML 188Page - Renesas Technology Corp M32C/8A Datasheet HTML 189Page - Renesas Technology Corp M32C/8A Datasheet HTML 190Page - Renesas Technology Corp M32C/8A Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 372 page
background image
M32C/8A Group
15. Timers (Timer B)
Rev.1.00
Jul 15, 2007
Page 170 of 352
REJ09B0385-0100
Figure 15.25
TB0 to TB5 Registers
b15
b8 b7
Symbol
TB0 to TB2
TB3 to TB5
Address
0351h - 0350h, 0353h - 0352h, 0355h - 0354h
0311h - 0310h, 0313h - 0312h, 0315h - 0314h
After Reset
Undefined
Undefined
b0
Setting Range
Mode
Function
RW
Timer Bi Register(1) (i = 0 to 5)
RW
0000h to FFFFh
If a count source frequency is fj, and the
setting value of the TBi register is n, the
counter cycle is (n+1).
Timer Mode
RW
0000h to FFFFh
If the setting value of the TBi register is n,
the count times are (n+1)(2)
Event Counter Mode
Pulse Period
Measurement Mode,
Pulse Width
Measurement Mode
Increment the counter between one valid
edge and another valid edge of a pulse
applied to the TBiIN pin
−
RO
NOTES:
1. Read and write this register in 16-bit units.
2. Timer Bi counts overflows/underflows of another timer, or the external pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com