Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 186Page - Renesas Technology Corp M32C/8A Datasheet HTML 187Page - Renesas Technology Corp M32C/8A Datasheet HTML 188Page - Renesas Technology Corp M32C/8A Datasheet HTML 189Page - Renesas Technology Corp M32C/8A Datasheet HTML 190Page - Renesas Technology Corp M32C/8A Datasheet HTML 191Page - Renesas Technology Corp M32C/8A Datasheet HTML 192Page - Renesas Technology Corp M32C/8A Datasheet HTML 193Page - Renesas Technology Corp M32C/8A Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 372 page
background image
M32C/8A Group
15. Timers (Timer B)
Rev.1.00
Jul 15, 2007
Page 173 of 352
REJ09B0385-0100
15.2.1
Timer Mode
In timer mode, the timer counts an internally generated count source.
Table 15.9 lists specifications of timer mode. Figure 15.27 shows a timer mode operation (Timer B).
Table 15.9
Specifications of Timer Mode
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. Wait for one count source cycle or more to write after the count starts.
Figure 15.27
Operation in Timer Mode (Timer B)
Item
Specification
Count source
f1, f8, f2n(1), fC32
Count operation
• Counter decrements
When the timer underflows, the contents of the reload register are reloaded
into the counter and the count continues.
Counter cycle
n + 1
fj: count source frequency
fj
n: setting value of the TBi register (i=0 to 5), 0000h to FFFFh
Count start condition
The TBiS bit in the TABSR or TBSR register is set to 1 (count starts)
Count stop condition
The TBiS bit is set to 0 (count stops)
Interrupt request generation timing When the timer underflows
TBiIN pin function
Programmable I/O port
Read from timer
A read from the TBi register returns a counter value.
Write to timer
• A write to the TBi register while the count is stopped:
The value is written to both the reload register and the counter.
• A write to the TBi register while counting:
The value is written to the reload register (It is transferred to the counter at the
next reload timing).(2)
Count starts
FFFFh
n
Count stops
i = 0 to 5
(Condition) TBiMR register: Bits TMOD1 and TMOD0 are set to 00b (timer mode).
TBiS bit in the
TABSR or TBSR
register
Contents of the counter
n = contents of the reload
register
0000h
IR bit in the TBiIC
register
0
1
Underflow
Reload
Underflow
Reload
0
1
Set to 0 by an interrupt request acknowledged or by program
Count resumes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com