Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 190Page - Renesas Technology Corp M32C/8A Datasheet HTML 191Page - Renesas Technology Corp M32C/8A Datasheet HTML 192Page - Renesas Technology Corp M32C/8A Datasheet HTML 193Page - Renesas Technology Corp M32C/8A Datasheet HTML 194Page - Renesas Technology Corp M32C/8A Datasheet HTML 195Page - Renesas Technology Corp M32C/8A Datasheet HTML 196Page - Renesas Technology Corp M32C/8A Datasheet HTML 197Page - Renesas Technology Corp M32C/8A Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 372 page
background image
M32C/8A Group
15. Timers (Timer B)
Rev.1.00
Jul 15, 2007
Page 177 of 352
REJ09B0385-0100
Figure 15.30
Operation in Pulse Width Measurement Mode (Timer B)
i = 0 to 5
NOTES:
1. Counter is reset due to the completion of the measurement.
2. Overflow
3. To set the MR3 bit to 0 (no overflow), wait for one or more count source cycles to write a 0 to the TBiMR register
after the MR3 bit becomes 1 (overflow), while the TBiS bit in TABSR or TBSR register is set to 1 (count starts).
4. Determine whether an interrupt source is a valid edge input or an overflow by reading the port level
in the TBi interrupt routine.
Pulse input
to TBiIN pin
TBiS bit in the TABSR or
TBSR register
“H”
“L”
1
0
IR bit in the TBiIC register
Transfer
(undefined value)
Transfer
(measured value n)
MR3 bit in the
TBiMR register
1
0
1
0
2nd valid edge
FFFFh
n
Contents of the counter
n = contents of the
reload register
0000h
Transfer timing from counter
to reload register
Set to 0 by an interrupt acknowledgement or by program
TBi register
n
Undefined value
10000h + n
1st valid edge
(note1)
(note2)
(note1)
(note 3)
(note 4)
(note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com