Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 192Page - Renesas Technology Corp M32C/8A Datasheet HTML 193Page - Renesas Technology Corp M32C/8A Datasheet HTML 194Page - Renesas Technology Corp M32C/8A Datasheet HTML 195Page - Renesas Technology Corp M32C/8A Datasheet HTML 196Page - Renesas Technology Corp M32C/8A Datasheet HTML 197Page - Renesas Technology Corp M32C/8A Datasheet HTML 198Page - Renesas Technology Corp M32C/8A Datasheet HTML 199Page - Renesas Technology Corp M32C/8A Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 372 page
background image
M32C/8A Group
16. Three-Phase Motor Control Timer Function
Rev.1.00
Jul 15, 2007
Page 179 of 352
REJ09B0385-0100
Figure 16.1
Three-Phase Motor Control Timer Function Block Diagram
fDT
DTT
register
Value written to INV03 bit
Write signal to INV03 bit
INV04
INV02
U-phase
W-phase
INV06
Write signal to
IDBi register
S Q
R
"1" write signal to
INV07 bit
Transfer
trigger(1)
D
T Q
D
T Q
Dead timer
timer
Start
trigger
INV16
Data Bus
Data Bus
D Q
T
D Q
T
D Q
DVB1
DVB0
D Q
Data Bus
Data Bus
D Q
T
D Q
T
D Q
DV1
DV0
D Q
INV15
fDT
Dead timer timer
start trigger
Dead timer timer
start trigger
V-phase upper/
lower arm short
circuit detection
signal
V-Phase Output
Control Circuit
Reload
register
0
1
Transfer trigger
Transfer trigger
DTT register
DTT register
Counter
ICTB2
register
Interrupt request
Timer B2
interrupt request
INV02
1
0
Timer B2
Reload
register
TB2
register
INV10
Write signal to
TB2 register
f1
TA1
register
TA11
register
Timer A1
Reload
register
f1
D Q
T Q
INV11
Timer A1 reload
control signal
Start
trigger
PWCON
0
1
Timer A1 reload
control signal
Timer A1 reload
control signal
INV01
INV11
INV00
INV03
D Q
T
R
INV05
RESET
NMI
INV14
0
1
INV14
V
V
0
1
D Q
T
D Q
T
Three-phase output
shift register
Three-phase output
shift register
U
U
U-Phase Output Control Circuit
W
W
W-Phase Output Control Circuit
NOTE:
1. When the INV06 bit is set to 0 (triangular wave modulation mode), a transfer trigger is generated at the first timer B2
underflow after writing to the IDBi register (i = 0, 1).
INV00 to INV07: bits in the INVC0 register
INV10 to INV15: bits in the INVC1 register
DVi, DVBi: bits in the IDBi register (i = 0, 1)
PWCON: bit in the TB2SC register
INV06
Start trigger
Start trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com