Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 196Page - Renesas Technology Corp M32C/8A Datasheet HTML 197Page - Renesas Technology Corp M32C/8A Datasheet HTML 198Page - Renesas Technology Corp M32C/8A Datasheet HTML 199Page - Renesas Technology Corp M32C/8A Datasheet HTML 200Page - Renesas Technology Corp M32C/8A Datasheet HTML 201Page - Renesas Technology Corp M32C/8A Datasheet HTML 202Page - Renesas Technology Corp M32C/8A Datasheet HTML 203Page - Renesas Technology Corp M32C/8A Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 372 page
background image
M32C/8A Group
16. Three-Phase Motor Control Timer Function
Rev.1.00
Jul 15, 2007
Page 183 of 352
REJ09B0385-0100
Figure 16.5
TA1MR, TA2MR, and TM4MR Registers when Using Three-Phase Motor Control Timer
Function
b7
0
1
0
0
1
0
b6 b5 b4
b1
b2
b3
Symbol
TA1MR, TA2MR, TA4MR
Address
0357h, 0358h, 035Ah
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
MR3
TCK1
RW
RW
RW
RW
MR2
RW
MR1
Count source select bits
TCK0
Timer Ai Mode Register (i = 1, 2, 4)
TMOD1
RW
RW
−
(b2)
Set to 01b (one-shot timer mode) to use the
three-phase motor control timer function
Operating mode select bits
TMOD0
RW
Reserved bit
Set to 0 to use the three-phase motor control
timer function
Set to 00b (f1) to use the three-phase motor
control timer function
External trigger select bit
Set to 1 (selected by the TRGSR register) to use
the three-phase motor control timer function
Trigger select bit
Set to 0 to use the three-phase motor control timer function
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com