Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 201Page - Renesas Technology Corp M32C/8A Datasheet HTML 202Page - Renesas Technology Corp M32C/8A Datasheet HTML 203Page - Renesas Technology Corp M32C/8A Datasheet HTML 204Page - Renesas Technology Corp M32C/8A Datasheet HTML 205Page - Renesas Technology Corp M32C/8A Datasheet HTML 206Page - Renesas Technology Corp M32C/8A Datasheet HTML 207Page - Renesas Technology Corp M32C/8A Datasheet HTML 208Page - Renesas Technology Corp M32C/8A Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 372 page
background image
M32C/8A Group
16. Three-Phase Motor Control Timer Function
Rev.1.00
Jul 15, 2007
Page 188 of 352
REJ09B0385-0100
Figure 16.10
TABSR Register when Using Three-Phase Motor Control Timer Function
Table 16.2
Pin Settings when Using Three-Phase Control Timer Function(1)
NOTES:
1. Set these registers after setting the INV02 bit in the INVC0 register to 1 (three-phase motor control timer
function used).
2. Set registers PS1 and PS2 after setting other registers.
Port
Function
Bit Setting
PSC Register
PSL1, PSL2,
Registers
PS1, PS2
Registers(2)
P7_2
V
PSC_2 = 1
PSL1_2 = 0
PS1_2 = 1
P7_3
V
−
PSL1_3 = 1
PS1_3 = 1
P7_4
W
−
PSL1_4 = 1
PS1_4 = 1
P7_5
W
−
PSL1_5 = 0
PS1_5 = 1
P8_0
U
−
PSL2_0 = 1
PS2_0 = 1
P8_1
U
−
PSL2_1 = 0
PS2_1 = 1
b7 b6 b5 b4
b1
b2
b3
Symbol
TABSR
Address
0340h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
TB0S
TB2S
Timer A3 count start bit
Timer B2 count start bit
RW
RW
RW
RW
TA4S
RW
TA3S
Timer B0 count start bit
Timer B1 count start bit
TB1S
Count Start Register
Timer A4 count start bit
Timer A1 count start bit
TA1S
RW
Timer A2 count start bit
RW
TA2S
0: Count stops
1: Count starts
Timer A0 count start bit
TA0S
RW
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com