Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 205Page - Renesas Technology Corp M32C/8A Datasheet HTML 206Page - Renesas Technology Corp M32C/8A Datasheet HTML 207Page - Renesas Technology Corp M32C/8A Datasheet HTML 208Page - Renesas Technology Corp M32C/8A Datasheet HTML 209Page - Renesas Technology Corp M32C/8A Datasheet HTML 210Page - Renesas Technology Corp M32C/8A Datasheet HTML 211Page - Renesas Technology Corp M32C/8A Datasheet HTML 212Page - Renesas Technology Corp M32C/8A Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 372 page
background image
M32C/8A Group
16. Three-Phase Motor Control Timer Function
Rev.1.00
Jul 15, 2007
Page 192 of 352
REJ09B0385-0100
Figure 16.13
Triangular Wave Modulation Operation (Three-Phase Mode 1)(INV01 and INV00 = 11b)
Dead time
DUB0 = 0
Triangular Waveform as a Carrier Wave (Three-phase mode 1: INV0 and INV00 = 11b)
Carrier wave
TB2S bit in the
TABSR register
Signal wave
Timer B2
Timer A4 start trigger signal(1)
TA4 register
Reload register(1)
Timer A4 one-shot pulse(1)
INV14 bit in
INVC1 register = 0
(Active Low)
Dead time
Values are transferred to the three-phase output shift register from registers IDB0 and IDB1
Rewrite registers IDB0 and IDB1
Upper arm (U-phase)
output signal(1)
Lower arm (U-phase)
output signal(1)
U-phase
U-phase
INV14 bit in
INVC1 register = 1
(Active High)
U-phase
U-phase
IR bit in the TB2IC register
b
1
a
1
b
2
a
2
b
3
b
4
a
4
DU0 = 1
DU1 = 0
DUB1 = 1
DUB1 = 0
DUB0 = 0
DU0 = 1
DU1 = 1
Set to 0 by an interrupt request acknowledgement or by program
INV13 bit in the INVC1 register
TA41 register
NOTE:
1. Internal signals. See Three-Phase Motor Control Timer Function Block Diagram.
The above applies under the following conditions:
- INVC0 register: Bits INV01 and INV00 = 11b (ICTB2 counter is incremented by 1 at the falling edge of the timer A1 reload control signal)
INV02 bit = 1 (Three-phase control timer function used)
INV03 bit = 1 (Three-phase control timer output enabled)
INV06 bit = 0 (Triangular wave modulation mode)
- INVC1 register: INV10 bit = 0 (Timer B2 underflow)
INV11 bit = 1 (Timers A11, A21, A41 used (Three-phase mode 1))
INV15 bit = 0 (Dead time enabled)
INV16 bit = 1 (Rising edge of the three-phase output shift register (U-, V-, W-phase))
- ICTB2 register = 01h (Every second timer B2 underflow.)
(ICTB2 register = 02h, if INV01 bit = 0)
The following shows examples to change PWM output levels.
- Default value of the timer: TA41 = b
1, TA4 = a1 (Registers TA4 and TA41 are rewritten every time the timer B2 interrupt occurs.)
   First time TA41 = b
2, TA4 = a2, second time TA41 = b3, TA4 = a3
- Default value of the registers IDB0 and IDB1: DU0 = 1, DUB0 = 0, DU1 = 0, and DUB1 = 1
   They are changed to DU0 = 1, DUB0 = 0, DU1 = 1, and DUB1 = 0 at the third timer B2 interrupt.
b
3
a
1
b
1
a
1
a
2
a
3
a
4
b
1
a
2
b
2
b
3
a
3
a
5
b
1
b
2
b
3
b
4
b
5
b
2
b
4
a
4
b
4
b
5
a
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com