Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 215Page - Renesas Technology Corp M32C/8A Datasheet HTML 216Page - Renesas Technology Corp M32C/8A Datasheet HTML 217Page - Renesas Technology Corp M32C/8A Datasheet HTML 218Page - Renesas Technology Corp M32C/8A Datasheet HTML 219Page - Renesas Technology Corp M32C/8A Datasheet HTML 220Page - Renesas Technology Corp M32C/8A Datasheet HTML 221Page - Renesas Technology Corp M32C/8A Datasheet HTML 222Page - Renesas Technology Corp M32C/8A Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 202 of 352
REJ09B0385-0100
Figure 17.6
U0SMR4 to U4SMR4 Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
U0SMR4 to U2SMR4
U3SMR4, U4SMR4
Address
0364h, 02E4h, 0334h
0324h, 02F4h
After Reset
00h
00h
b0
Function
Bit Symbol
Bit Name
RW
STPREQ
RSTAREQ
STAREQ
ACKC
SCLHI
0: Serial input/output circuit selected
1: Start/stop condition generation circuit
selected(4)
SCL, SDA output select bit(1)
Start condition generate bit(1, 3)
ACKD
STSPSEL
0: ACK
1: NACK
ACK data bit(2)
0: Serial data output
1: ACK data output
ACK data output enable bit(2)
SWC9
UARTi Special Mode Register 4 (i = 0 to 4)
RW
RW
RW
RW
RW
RW
RW
RW
Restart condition generate
bit(1, 3)
Stop condition generate bit(1, 3)
0: Clear
1: Start
0: Clear
1: Start
0: Clear
1: Start
NOTES:
1. These bits are used when the MCU is in master mode in I 2C mode.
2. These bits are used when the MCU is in slave mode in I 2C mode.
3. When each condition generation is completed, the corresponding bit becomes 0. When a condition generation is failed, the bit
remains as 1.
4. Set the STSPSEL bit to 1 (start/stop condition generation circuit selected) after setting the STAREQ bit, RSTAREQ bit, or
STPREQ bit to 1 (start).
SCL wait output bit 3(1)
SCL output stop bit(1)
0: No wait state/release wait state
1: SCLi pin is held "L" after receiving 9th bit
When the bus is free,
0: SCLi output not stopped
1: SCLi output stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com