Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 217Page - Renesas Technology Corp M32C/8A Datasheet HTML 218Page - Renesas Technology Corp M32C/8A Datasheet HTML 219Page - Renesas Technology Corp M32C/8A Datasheet HTML 220Page - Renesas Technology Corp M32C/8A Datasheet HTML 221Page - Renesas Technology Corp M32C/8A Datasheet HTML 222Page - Renesas Technology Corp M32C/8A Datasheet HTML 223Page - Renesas Technology Corp M32C/8A Datasheet HTML 224Page - Renesas Technology Corp M32C/8A Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 204 of 352
REJ09B0385-0100
Figure 17.8
U0BRG to U4BRG Registers, U0C1 to U4C1 Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
U0C1 to U2C1
U3C1, U4C1
Address
036Dh, 02EDh, 033Dh
032Dh, 02FDh
After Reset
0000 0010b
0000 0010b
b0
Function
Bit Symbol
Bit Name
RW
RE
TI
TE
UiRRM
UiLCH
0: No Data in the UiRB register
1: Data in the UiRB register
Receive complete flag
Data logic select bit(1)
Transmit enable bit
UilRS
RI
0: No data in the UiTB register (TI = 1)
1: Transmit operation is completed (TXEPT = 1)
0: Not inverted
1: Inverted
UARTi transmit interrupt source
select bit
0: Continuous receive mode disabled
1: Continuous receive mode enabled(3)
Continuous receive mode
enable bit
Special mode 3
Clock-divided synchronous
stop bit
Special mode 4
Error signal output enable bit(2)
0: Synchronization stopped
1: Synchronization started
0: Not output
1: Output
SCLKSTPB
UiERE
UARTi Transmit/Receive Control Register 1 (i = 0 to 4)
RW
RO
RW
RO
RW
RW
RW
RW
Receive enable bit
0: Receive operation disabled
1: Receive operation enabled
0: Transmit operation disabled
1: Transmit operation enabled
NOTES:
1. The UiLCH bit is enabled when bits SMD2 to SMD0 in the UiMR register are set to 001b (clock synchronous mode), 100b
(UART mode, 7-bit data length), or 101b (UART mode, 8-bit data length). Set the UiLCH bit to 0 when bits SMD2 to SMD0 are
set to 010b (I2C mode) or 110b (UART mode, 9-bit data length).
2. Set bits SMD2 to SMD0 before setting the UiERE bit.
3. When the UiRRM bit is set to 1, set the CKDIR bit in the UiMR register to 1 (external clock) and also disable the RTS function.
UiTB register empty flag
0: Data in the UiTB register
1: No data in the UiTB register
0
b7
Symbol
U0BRG to U2BRG
U3BRG, U4BRG
Address
0369h, 02E9h, 0339h
0329h, 02F9h
After Reset
Undefined
Undefined
b0
Function
RW
If the setting value is n,
the UiBRG register divides a count source by n+1
00h to FFh
UARTi Baud Rate Register(1, 2) (i = 0 to 4)
WO
Setting Range
NOTES:
1. Read-modify-write instructions cannot be used to set the UiBRG register. Refer to Usage Notes for details.
2. Set the UiBRG register after setting bits CLK1 and CLK0 in the UiC0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com