Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 245Page - Renesas Technology Corp M32C/8A Datasheet HTML 246Page - Renesas Technology Corp M32C/8A Datasheet HTML 247Page - Renesas Technology Corp M32C/8A Datasheet HTML 248Page - Renesas Technology Corp M32C/8A Datasheet HTML 249Page - Renesas Technology Corp M32C/8A Datasheet HTML 250Page - Renesas Technology Corp M32C/8A Datasheet HTML 251Page - Renesas Technology Corp M32C/8A Datasheet HTML 252Page - Renesas Technology Corp M32C/8A Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 232 of 352
REJ09B0385-0100
17.1.3.1 Detecting Start Condition and Stop Condition
The MCU detects the start condition and stop condition. The start condition detection interrupt request is
generated when the SDAi (i = 0 to 4) pin level changes from high (“H”) to low (“L”) while the SCLi pin level is
held “H”. The stop condition detection interrupt request is generated when the SDAi pin level changes from “L”
to “H” while the SCLi pin level is held “H”.
The start condition detection interrupt shares the Interrupt Control Register and interrupt vector with the stop
condition detection interrupt. The BBS bit in the UiSMR register determines which interrupt is requested.
Figure 17.25
Start Condition or Stop Condition Detection
17.1.3.2 Start Condition or Stop Condition Output
The start condition is generated when the STAREQ bit in the UiSMR4 register (i = 0 to 4) is set to 1 (start).
The restart condition is generated when the RSTAREQ bit in the UiSMR4 register is set to 1 (start).
The stop condition is generated when the STPREQ bit in the UiSMR4 is set to 1 (start).
The following is the procedure to output the start condition, restart condition, or stop condition.
(1) Set the STAREQ bit, RSTAREQ bit, or STPREQ bit to 1 (start).
(2) Set the STSPSEL bit in the UiSMR4 register to 1 (start/stop condition generation circuit selected).
Table 17.12 and Figure 17.26 show functions of the STSPSEL bit.
Table 17.12
STSPSEL Bit Function
Function
STSPSEL = 0
STSPSEL = 1
Output from pins SCLi and
SDAi
Output the serial clock and data.
Output of the start condition or stop
condition is controlled by software utilizing
port functions. (The start condition and
stop condition are not automatically
generated by hardware)
Output of the start condition or stop
condition is controlled by the status of bits
STAREQ, RSTAREQ, and STPREQ.
Timing to generate start
condition and stop condition
interrupt requests
When start condition and stop condition
are detected
When start condition and stop condition
generation are completed
i=0 to 4
NOTE:
1. These are cycles of the main clock oscillation frequency f(XIN).
SDAi
(stop condition)
6 cycles < setup time(1)
6 cycles < hold time(1)
Setup time
Hold time
SCLi
SDAi
(start condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com