Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 242Page - Renesas Technology Corp M32C/8A Datasheet HTML 243Page - Renesas Technology Corp M32C/8A Datasheet HTML 244Page - Renesas Technology Corp M32C/8A Datasheet HTML 245Page - Renesas Technology Corp M32C/8A Datasheet HTML 246Page - Renesas Technology Corp M32C/8A Datasheet HTML 247Page - Renesas Technology Corp M32C/8A Datasheet HTML 248Page - Renesas Technology Corp M32C/8A Datasheet HTML 249Page - Renesas Technology Corp M32C/8A Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 229 of 352
REJ09B0385-0100
Table 17.10
Functions in I2C Mode (2)
i = 0 to 4
NOTES:
1. Set default value of the SDAi output while bits SMD2 to SMD0 in the UiMR register are set to 000b (serial
interface disabled).
2. Second data transfer to the UiRB register (at the rising edge of the ninth bit of SCLi).
3. First data transfer to the UiRB register (at the falling edge of the ninth bit of SCLi).
Function
I2C Mode (SMD2 to SMD0 = 010b, IICM = 1)
IICM2 = 0
(NACK/ACK interrupt)
IICM2 = 1
(UART transmit/receive interrupt)
CKPH = 0
(no clock delay)
CKPH = 1
(clock delay)
CKPH = 0
(no clock delay)
CKPH = 1
(clock delay)
Reading RXDi, SCLi pin
levels
Can be read regardless of the corresponding port direction bit
Default value of TXDi,
SDAi output
Value set in the port register before entering I2C mode(1)
SCLi default and end
values
HL
H
L
DMA source
(See Figure 17.24)
Acknowledgement detection (ACKi)
UARTi receive operation - at the falling edge
of 9th bit of SCLi
Storing receive data
1st to 8th bit of the receive data are stored
into bits 7 to 0 in the UiRB register
1st to 7th bits of the receive data are stored
into bits 6 to 0 in the UiRB register. 8th bit is
stored into bit 8 in the UiRB register
1st to 8th bits are
stored into bits 7 to 0
in the UiRB
register(2)
Reading receive data
The value in the UiRB register is read as it is
Bits 6 to 0 in the UiRB
register are read as
bits 7 to 1. Bit 8 in the
UiRB register is read
as bit 0(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com