Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 238Page - Renesas Technology Corp M32C/8A Datasheet HTML 239Page - Renesas Technology Corp M32C/8A Datasheet HTML 240Page - Renesas Technology Corp M32C/8A Datasheet HTML 241Page - Renesas Technology Corp M32C/8A Datasheet HTML 242Page - Renesas Technology Corp M32C/8A Datasheet HTML 243Page - Renesas Technology Corp M32C/8A Datasheet HTML 244Page - Renesas Technology Corp M32C/8A Datasheet HTML 245Page - Renesas Technology Corp M32C/8A Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 225 of 352
REJ09B0385-0100
Figure 17.23
I2C Mode Block Diagram
SDHI
ALS
ACKC
0
1
STSPSEL
0
1
Delay circuit
D Q
T
UARTi transmit
shift register
Start condition detection
Stop condition detection
SDAi
Select SDA output
in Function Control
Register
SCLi
Select SCL output in
Function Control
Register
ACKD
Noise
filter
Noise
filter
UARTi
CLK
control
S Q
R
S Q
R
SWC
SWC2
Falling edge
of 9th bit
Transmission
control circuit
UARTi transmit interrupt request
NACK interrupt request
DMA 0 to 3 request
UARTi transmit
shift register
Start/stop condition detection
interrupt request
S Q
R
Reception
control circuit
UARTi receive interrupt request
ACK interrupt request
DMA 0 to 3 request
D Q
T
9th clock
NACK
ACK
Logic 0 write
signal to PDk_m
Logic 1 write
signal to PDk_m
D Q
T
IICM2 = 1
IICM = 1 and
IICM2 = 0
IICM = 0 or
IICM2 = 1
IICM = 1 and
IICM2 = 0
ABT
BBS
i = 0 to 4
IICM, BBS: bits in the UiSMR register
IICM2, SWC, ALS, SWC2, SDHI: bits in the UiSMR2 register
STSPSEL, ACKD, ACKC: bits in the UiSMR4 register
NCH: bit in the UiC0 register
ABT: UiRB register
PDk_m: bit in the Port Pk Direction Register corresponding to the SCLi pin
NOTE:
1. P7_0 and P7_1 do not have the dotted rectangular portion of the circuit.
STSPSEL IICM
0
1
0
1
Start/stop condition
generation block
Falling edge
detection
NCH
NCH
(note 1)
(note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com