Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 235Page - Renesas Technology Corp M32C/8A Datasheet HTML 236Page - Renesas Technology Corp M32C/8A Datasheet HTML 237Page - Renesas Technology Corp M32C/8A Datasheet HTML 238Page - Renesas Technology Corp M32C/8A Datasheet HTML 239Page - Renesas Technology Corp M32C/8A Datasheet HTML 240Page - Renesas Technology Corp M32C/8A Datasheet HTML 241Page - Renesas Technology Corp M32C/8A Datasheet HTML 242Page - Renesas Technology Corp M32C/8A Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 222 of 352
REJ09B0385-0100
17.1.2.3 Serial Data Logic Inverse
When the UiLCH bit in the UiC1 register is set to 1 (inverted), data logic written in the UiTB register is inverted
for transmit operation. A read from the UiRB register returns the inverted logic of receive data. This function
can be used when data length is 7 bits or 8 bits long. Figure 17.21 shows an example of serial data logic inverse
operation.
Figure 17.21
Serial Data Logic Inverse
17.1.2.4 TXD and RXD I/O Polarity Inverse
The level output from the TXD pin and the level applied to the RXD pin are inverted with this function. When
the IOPOL bit in the UiMR register (i = 0 to 4) is set to 1 (inverted), all the input/output data levels, including
the start bit, stop bit and parity bit, are inverted. Figure 17.22 shows TXD and RXD I/O polarity inverse.
Figure 17.22
TXD and RXD I/O Polarity Inverse
(1) When the UiLCH bit in the UiC1 register (i = 0 to 4) is set to 0 (not inverted)
(2) When the UiLCH bit is set to 1 (inverted)
TXDi
(not inverted)
The above applies under the following conditions:
- UiC0 register: UFROM bit = 0 (LSB first)
- UiMR register: STPS bit = 0 (1 stop bit)
PRYE bit = 1 (parity enabled).
"H"
"L"
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
"H"
"L"
TXDi
(inverted)
(1) When the IOPOL bit in the UiMR register (i = 0 to 4) is set to 0 (not inverted)
(2) When the IOPOL bit is set to 1 (inverted)
TXDi
(not inverted)
The above applies under the following conditions:
- UiC0 register: UFORM bit = 0 (LSB first)
- UiMR register: STPS bit = 0 (1 stop bit)
PRYE bit = 1 (parity enabled)
"H"
"L"
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
RXDi
(not inverted)
"H"
"L"
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
TXDi
(inverted)
"H"
"L"
RXDi
(inverted)
"H"
"L"
ST: Start bit
P: Parity bit
SP: Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com