Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 234Page - Renesas Technology Corp M32C/8A Datasheet HTML 235Page - Renesas Technology Corp M32C/8A Datasheet HTML 236Page - Renesas Technology Corp M32C/8A Datasheet HTML 237Page - Renesas Technology Corp M32C/8A Datasheet HTML 238Page - Renesas Technology Corp M32C/8A Datasheet HTML 239Page - Renesas Technology Corp M32C/8A Datasheet HTML 240Page - Renesas Technology Corp M32C/8A Datasheet HTML 241Page - Renesas Technology Corp M32C/8A Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 221 of 352
REJ09B0385-0100
17.1.2.1 Baud Rate
In UART mode, the baud rate is the frequency of the clock divided by the setting value of the UiBRG register
(i = 0 to 4) and again divided by 16. Table 17.5 lists an example of baud rate setting.
Table 17.5
Baud Rate
17.1.2.2 LSB First or MSB First
As shown in Figure 17.20, the UFORM bit in the UiC0 register (i = 0 to 4) determines a bit order. This function
can be used when data length is 8 bits long.
Figure 17.20
Bit Order
Target
Baud Rate
(bps)
UiBRG
Count
Source
Peripheral Clock: 16MHz
Peripheral Clock: 24MHz
Peripheral Clock: 32MHz
UiBRG
Setting Value:
n
Actual Baud
Rate
(bps)
UiBRG
Setting Value:
n
Actual Baud
Rate
(bps)
UiBRG
Setting Value:
n
Actual Baud
Rate
(bps)
1200
f8
103(67h)
1202
155(9Bh)
1202
207(CFh)
1202
2400
f8
51(33h)
2404
77(4Dh)
2404
103(67h)
2404
4800
f8
25(19h)
4808
38(26h)
4808
51(33h)
4808
9600
f1
103(67h)
9615
155(9Bh)
9615
207(CFh)
9615
14400
f1
68(44h)
14493
103(67h)
14423
138(8Ah)
14388
19200
f1
51(33h)
19231
77(4Dh)
19231
103(67h)
19231
28800
f1
34(22h)
28571
51(33h)
28846
68(44h)
28986
31250
f1
31(1Fh)
31250
47(2Fh)
31250
63(3Fh)
31250
38400
f1
25(19h)
38462
38(26h)
38462
51(33h)
38462
51200
f1
19(13h)
50000
28(1Ch)
51724
38(26h)
51282
Actual baud rate =
UiBRG register count source
16 × (UiBRG register setting value + 1)
(1) When the UFORM bit in the UiC0 register (i = 0 to 4) is set to 0 (LSB first)
ST
D0
D2
D3
D4
D5
SP
D1
(2) When the UFORM bit is set to 1 (MSB first)
TXDi
RXDi
The above applies under the following conditions:
- UiC0 register: CKPOL bit = 0 (transmit data output at the falling edge and receive data input at the rising edge of the serial clock)
- UiC1 register: UiLCH bit = 0 (not inverted) and the UiLCH bit in the UiC1 register is set to 0 (not inverted).
ST: Start bit
P: Parity bit
SP: Stop bit
D6
D7
P
ST
D0
D2
D3
D4
D5
SP
D1
D6
D7
P
ST
D7
D5
D4
D3
D2
SP
D6
TXDi
RXDi
D1
D0
P
ST
SP
P
D7
D5
D4
D3
D2
D6
D1
D0
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com