Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 233Page - Renesas Technology Corp M32C/8A Datasheet HTML 234Page - Renesas Technology Corp M32C/8A Datasheet HTML 235Page - Renesas Technology Corp M32C/8A Datasheet HTML 236Page - Renesas Technology Corp M32C/8A Datasheet HTML 237Page - Renesas Technology Corp M32C/8A Datasheet HTML 238Page - Renesas Technology Corp M32C/8A Datasheet HTML 239Page - Renesas Technology Corp M32C/8A Datasheet HTML 240Page - Renesas Technology Corp M32C/8A Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 220 of 352
REJ09B0385-0100
Figure 17.19
Receive Operation in UART Mode
RXDi input
D0
Start bit
Stop bit
Verify the level
(note 2)
Clock divided by UiBRG
register
Input the
receive data
“H”
“L”
(note 1)
Internal receive clock
IR bit in the SiRIC register
RI bit in the UiC1 register
1
0
1
0
RTSi output
“H”
“L”
i = 0 to 4
The above applies under the following conditions:
- UiMR register: STPS bit = 0 (1 stop bit)
- UiC0 register: CRS bit = 1 (CTS function not used)
NOTES:
1. RXDi input is sampled using the clock divided by the setting value of the UiBRG register. The internal receive
clock is generated after detecting the falling edge of the start bit, and then the receive operation starts.
2. When "L" is detected, the receive operation continues. When "H" is detected, the receive operation is cancelled.
When the receive operatin is cancelled, the RTSi output becomes "L".
Example of the receive operation timing (1 stop bit)
This bit becomes 1 when the data is transferred
from UARTi receive shift register to UiRB register
Set to 0 by an interrupt request
acknowledgement or by program
The RI bit becomes 0 and RTSi output
becomes "L" by reading the UiRB register
The output signal becomes "L"
when the RE bit in the UiC1 register
is set to 1
The output signal becomes "H"
when the receive operation starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com