Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 262Page - Renesas Technology Corp M32C/8A Datasheet HTML 263Page - Renesas Technology Corp M32C/8A Datasheet HTML 264Page - Renesas Technology Corp M32C/8A Datasheet HTML 265Page - Renesas Technology Corp M32C/8A Datasheet HTML 266Page - Renesas Technology Corp M32C/8A Datasheet HTML 267Page - Renesas Technology Corp M32C/8A Datasheet HTML 268Page - Renesas Technology Corp M32C/8A Datasheet HTML 269Page - Renesas Technology Corp M32C/8A Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 249 of 352
REJ09B0385-0100
Figure 17.34
SIM Interface Connection
17.1.6.1 Parity Error Signal Output Function
When the UiERE bit in the UiC1 register (i = 0 to 4) is set to 1 (error signal output), the parity error signal
output is enabled. The parity error signal is output when a parity error is detected upon receiving data, and an
“L” signal is output from the TXDi pin in the timing shown in Figure 17.35. If the UiRB register is read while
a parity error signal is output, the PER bit in the UiRB register is set to 0 (parity error not occurred) and the
TXDi pin level becomes back to “H”.
To determine whether the parity error signal is output or not, read the port that shares a pin with the RXDi pin in
the transmission complete interrupt routine.
Figure 17.35
Parity Error Signal Output Timing
MCU
TXDi
RXDi
i = 0 to 4
SIM card
NOTE:
1. Connect the TXDi and RXDi pins and pull up these pins.
Receive
operation
complete flag
i = 0 to 4
ST: Start bit
P: Even parity bit
SP: Stop bit
RXDi
ST
D1
D3
D4
D5
D6
D2
D7
TXDi
P
D0
SP
"H"
"L"
0
1
"H"
"L"
Hi-Z
The above applies under direct format conditions:
- UiMR register: PRY bit = 1 (odd parity)
- UiC0 register: UFORM bit = 0 (LSB first)
- UiC1 register: UiLCH bit = 0 (not inverted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com