Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 258Page - Renesas Technology Corp M32C/8A Datasheet HTML 259Page - Renesas Technology Corp M32C/8A Datasheet HTML 260Page - Renesas Technology Corp M32C/8A Datasheet HTML 261Page - Renesas Technology Corp M32C/8A Datasheet HTML 262Page - Renesas Technology Corp M32C/8A Datasheet HTML 263Page - Renesas Technology Corp M32C/8A Datasheet HTML 264Page - Renesas Technology Corp M32C/8A Datasheet HTML 265Page - Renesas Technology Corp M32C/8A Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 245 of 352
REJ09B0385-0100
17.1.6
Special Mode 4 (SIM Mode)
In SIM mode, the MCU can communicate with SIM interface devices using UART mode. Both direct and
inverse formats are available. The TXDi pin (i = 0 to 4) outputs a low-level (“L”) signal when a parity error is
detected.
Table 17.18 lists specifications of SIM mode. Table 17.19 list pin settings. Figure 17.32 lists register settings.
Figure 17.33 shows an example of SIM interface operation. Figure 17.34 shows an example of SIM interface
connection.
Table 17.18
SIM Mode Specifications
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. If an overrun error occurs, a read from the UiRB register returns undefined values. The IR bit in the SiRIC
register remains unchanged as 0 (interrupt not requested).
Item
Specification
Data format
• Data length 8-bit UART mode
• One stop bit
• Direct format:
Parity: even
Data logic: direct (not inverted)
Bit order: LSB first
• Inverse format:
Parity: odd
Data logic: inverse (inverted)
Bit order: MSB first
Baud rate
Set the CKDIR bit in the UiMR register is 0 (internal clock):
fj / (16 (m + 1))
fj = f1, f8, f2n(1) m: setting value of the UiBRG register (00h to FFh)
Transmit/receive control
CTS/RTS function disabled
Transmit start condition
To start transmit operation, all of the following must be met:
• Set the TE bit in the UiC1 register to 1 (transmit operation enabled)
• The TI bit in the UiC1 register is 0 (data in the UiTB register)
Receive start condition
To start receive operation, all of the following must be met:
• Set the RE bit in the UiC1 register to 1 (receive operation enabled)
• The start bit is detected
Interrupt request generation
timing
Transmit interrupt:
• Set the UiIRS bit to 1 (transmit operation completed)
when the stop bit is output from the UARTi transmit shift register
Receive interrupt:
• when data is transferred from the UARTi receive shift register to the UiRB register
(receive operation completed)
Error detection
• Overrun error(2)
Overrun error occurs when the preceding bit of the stop bit of the next data is
received before reading the UiRB register
• Framing error
Framing error occurs when the number of the stop bits set using the STPS bit in
the UiMR register is not detected
•Parity error
Parity error occurs when parity is enabled and the received data does not have
the correct even or odd parity set with the PRY bit in the UiMR register.
• Error sum flag
Error sum flag is set to 1 when an overrun, framing, or parity error occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com