Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 257Page - Renesas Technology Corp M32C/8A Datasheet HTML 258Page - Renesas Technology Corp M32C/8A Datasheet HTML 259Page - Renesas Technology Corp M32C/8A Datasheet HTML 260Page - Renesas Technology Corp M32C/8A Datasheet HTML 261Page - Renesas Technology Corp M32C/8A Datasheet HTML 262Page - Renesas Technology Corp M32C/8A Datasheet HTML 263Page - Renesas Technology Corp M32C/8A Datasheet HTML 264Page - Renesas Technology Corp M32C/8A Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 244 of 352
REJ09B0385-0100
Set the SU1HIM bit in the UiSMR2 register (i = 0 to 4) and the SCLKDIV bit in the UiSMR register to values
shown in Table 17.17, and apply a trigger signal to the CTSi pin. Then, the SCLKSTPB bit becomes 1 and a
transmit and receive operation starts. Either the same clock cycle as the external clock or the external clock
cycle divided by two can be selected for the serial clock.
When the SCLKSTPB bit in the UiC1 register is set to 0, a transmission and reception in progress stops
immediately.
Figure 17.31 shows an example of the clock-divided synchronous function.
Table 17.17
Clock-Divided Synchronous Function Select
Figure 17.31
Clock-Divided Synchronous Function
SCLKDIV bit in the
UiSMR register
SU1HIM bit in the
UiSMR2 register
Clock-Divided Synchronous Function
0
0
Not synchronized
0
1
Same clock cycle as the external clock
1
0 or 1
External clock cycle divided by 2
External clock
from the CLKi pin
Serial clock
Serial clock
TXDi
Trigger signal input
to the CTSi pin
i = 0 to 4
A
13
4
5
6
2
78
13
4
5
6
2
78
A: When the SCLKDIV bit in the UiSMR register is set to 0, and the SU1HIM bit in the UiSMR2 register is set to 1
B: When the SCLKDIV bit is set to 1, and SU1HIM bit is set to either 0 or 1.
TXDi
The clock is stopped by the
SCLKSTPB bit in the UiC1 register
1
34
56
2
78
B
More than 1 clock
cycle is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com