| Electronic Components Datasheet Search |
|
M32C/8A Datasheet(PDF) 257 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Datasheet(HTML) 257 Page - Renesas Technology Corp |
|
257 / 372 page ![]() M32C/8A Group 17. Serial Interfaces Rev.1.00 Jul 15, 2007 Page 240 of 352 REJ09B0385-0100 17.1.4.3 Clock Phase Setting Function The clock polarity and clock phase are selected from four combinations of the CKPH and CKPOL bits in the UiSMR3 register (i = 0 to 4). The master must have the same serial clock polarity and phase as the slaves involved in the communication. Figure 17.29 shows a transmit and receive operation timing. Figure 17.29 Transmit and Receive Operation Timing in Special Mode 2 D0 D1 CLKi I/O (CKPOL = 0) CLKi I/O (CKPOL = 1) “H” “L” D2 D3 D4 D5 D6 D7 “H” “L” “H” “L” “H” “L” D0 undefined D1 “H” “L” i=0 to 4 CKPH, DINC: bits in the UiSMR3 register CKPOL: bit in the UiC0 register NOTE: 1. P7_0 and P7_1 are N-channel open drain output ports. They must be pulled up externally to output data. D2 D3 D4 D5 D6 D7 “H” “L” Hi-Z CLKi I/O (CKPOL = 0) CLKi I/O (CKPOL = 1) “H” “L” “H” “L” Hi-Z D1 D0 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 (1) When the CKPH = 0 (no clock delay) (2) When the CKPH = 1 (clock delay) In master mode (internal clock) (DINC = 0) In slave mode (external clock) (DINC = 1) SSi input pin TXDi output SSi input pin STXDi output (1) Receive data input timing Receive data input timing “H” “L” “H” “L” In slave mode (external clock) (DINC = 1) SSi input pin STXDi output (1) Receive data input timing “H” “L” “H” “L” In master mode (internal clock) (DINC = 0) SSi input pin TXDi output Receive data input timing Hi-Z Hi-Z |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |