| Electronic Components Datasheet Search |
|
M32C/8A Datasheet(PDF) 258 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Datasheet(HTML) 258 Page - Renesas Technology Corp |
|
258 / 372 page ![]() M32C/8A Group 17. Serial Interfaces Rev.1.00 Jul 15, 2007 Page 241 of 352 REJ09B0385-0100 17.1.5 Special Mode 3 (GCI Mode) Full-duplex clock synchronous serial communications are allowed in this mode. When a trigger is input to the CTSi (i = 0 to 4) pin, the internal clock which is synchronized with the continuous external clock is generated, and a transmit and receive operation is started. Table 17.15 lists specifications of GCI mode. Table 17.16 list pin settings. Figure 17.30 shows register settings. Table 17.15 GCI Mode Specifications NOTE: 1. If an overrun error occurs, a read from the UiRB register returns undefined values. The IR bit in the SiRIC register remains unchanged as 0 (interrupt not requested). Item Specification Data format Data length: 8 bits long Serial clock Select the external clock Set the CKDIR bit in the UiMR register (i = 0 to 4) to 1 (external clock). When a trigger is input, the external clock or the clock divided by 2 becomes the serial clock. Transmit and receive start condition A transmit and receive operation starts when a trigger is input to the CTSi pin after all the following are met: • Set the TE bit in the UiC1 register to 1 (transmit operation enabled) • The TI bit in the UiC1 register is 1 (data in the UiTB register) • Set the RE bit in the UiC1 register to 1 (receive operation enabled) • Set the SCLKSTPB bit in the UiC1 register is set to 0 (clock-divided synchronization stopped) The SCLKSTPB bit becomes 1 (clock-divided synchronization started) when a trigger is input to the CTSi pin Transmit and receive stop condition The SCLKSTPB bit in the UiC1 register is set to 0 Interrupt request generation timing Transmit interrupt (The UiIRS bit in the UiC1 register selects one of the following): • The UiIRS bit is set to 0 (no data in the UiTB register): when data is transferred from the UiTB register to the UARTi transmit shift register (transmit operation started) • The UiIRS bit is set to 1 (transmit operation completed): when data transmit operation from the UARTi transmit shift register is completed Receive interrupt: • When data is transferred from the UARTi receive shift register to the UiRB register (receive operation completed) Error detection Overrun error(1) Overrun error occurs when the 7th bit of the next data is received before reading the UiRB register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |