Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 252Page - Renesas Technology Corp M32C/8A Datasheet HTML 253Page - Renesas Technology Corp M32C/8A Datasheet HTML 254Page - Renesas Technology Corp M32C/8A Datasheet HTML 255Page - Renesas Technology Corp M32C/8A Datasheet HTML 256Page - Renesas Technology Corp M32C/8A Datasheet HTML 257Page - Renesas Technology Corp M32C/8A Datasheet HTML 258Page - Renesas Technology Corp M32C/8A Datasheet HTML 259Page - Renesas Technology Corp M32C/8A Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 239 of 352
REJ09B0385-0100
17.1.4.1 Master Mode
Master mode is entered when the DINC bit in the UiSMR3 register (i = 0 to 4) is set to 1. The following pins
are used in master mode.
• TXDi: transmit data output
• RXDi: receive data input
• CLKi: serial clock output
To use the SS function, set the SSE bit in the UiSMR3 register to 1. A transmit and receive operation is
performed while an “H” is applied to the SSi pin. If an “L” is applied to the SSi pin, the ERR bit in the
UiSMR3 register becomes 1 (mode error occurred) and pins CLKi and TXDi are placed in high-impedance
states. Set the UiIRS bit in the UiC1 register to 1 (Transmit completion as interrupt source) to verify whether a
mode error has occurred or not by checking the EER bit in the transmission complete interrupt routine. To
resume serial communication after a mode error occurs, set the ERR bit to 0 (no mode error) while an “H”
signal is applied to the SSi pin. Pins TXDi and CLKi become in output mode.
17.1.4.2 Slave Mode
Slave mode is entered when the DINC bit in the UiSMR3 register is set to 0. The following pins are used in
slave mode.
• STXDi: transmit data output
• SRXDi: receive data input
• CLKi: serial clock input
To use the SS function, set the SSE bit in the UiSMR3 register to 1. When an “L” signal is applied to the SSi
input pin, the serial clock input is enabled, and a transmit and receive operation becomes available. When an
“H” signal is applied to the SSi pin, the serial clock input to the CLKi pin is ignored and the STXDi pin is
placed in a high-impedance state.
Figure 17.28
Serial Bus Communication Control with SSi Pin
MCU
P1_3
P1_2
P9_3(SS3)
P9_0(CLK3)
P9_1(RXD3)
P9_2(TXD3)
MCU
MCU
(Slave)
(Master)
P9_3(SS3)
P9_0(CLK3)
P9_1(STXD3)
P9_2(SRXD3)
P9_3(SS3)
P9_0(CLK3)
P9_1(STXD3)
P9_2(SRXD3)
(Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com