Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 256Page - Renesas Technology Corp M32C/8A Datasheet HTML 257Page - Renesas Technology Corp M32C/8A Datasheet HTML 258Page - Renesas Technology Corp M32C/8A Datasheet HTML 259Page - Renesas Technology Corp M32C/8A Datasheet HTML 260Page - Renesas Technology Corp M32C/8A Datasheet HTML 261Page - Renesas Technology Corp M32C/8A Datasheet HTML 262Page - Renesas Technology Corp M32C/8A Datasheet HTML 263Page - Renesas Technology Corp M32C/8A Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 243 of 352
REJ09B0385-0100
Figure 17.30
Register Settings in GCI Mode
End initial setting
i = 0 to 4
NOTE:
1. The external clock synchronization function is determined by the combination of the SCLKDIV bit in the UiSMR register
and the SU1HIM bit in the UiSMR2 register. Refer to the table "Clock-Divided Synchronous Function Select" for details.
UiMR register: bits SMD2 to SMD0 = 001b
CKDIR bit = 1
IOPOL bit = 0
UiSMR register: bits 6 to 0 = 0000000b
SCLKDIV bit
UiC0 register: bits CLK1 and CLK0 = 00b
CRD bit = 1
NCH bit
CKPOL bit = 0
UFORM bit = 0
UiC1 register: TE bit = 0
RE bit = 0
UiIRS bit
UiRRM bit = 0
UiLCH bit = 0
SCLKSTPB bit = 0
Pin setting in the Function Select Registers
Transmit/receive operation starts when a trigger is input to the
CTSi pin after writing data to the UiTB register.
Read the UiRB register when a receive operation is completed.
UiSMR3 register = 00h
UiSMR4 register = 00h
UiSMR2 register: bits 6 to 0 = 0000000b
SU1HIM bit
UiBRG register = 00h
Start initial setting
Transmit operation enabled
Receive operation enabled
UiC1 register: TE bit = 1
RE bit = 1
Transmit interrupt priority level select bits
Interrupt not requested
SiTIC register: bits ILVL2 to ILVL0
IR bit = 0
Receive interrupt priority level select bits
Interrupt not requested
SiRIC register: bits ILVL2 to ILVL0
IR bit = 0
Clock synchronous mode
Select external clock
CTS function disabled
Data output select bit
Transmit operation disabled
Receive operation disabled
UARTi transmit interrupt source select bit
Clock-divided synchronization stopped
Clock division synchronous bit(1)
External clock synchronous enable bit(1)
Interrupt enabled
I flag = 1
Interrupt disabled
I flag = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com