Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 271Page - Renesas Technology Corp M32C/8A Datasheet HTML 272Page - Renesas Technology Corp M32C/8A Datasheet HTML 273Page - Renesas Technology Corp M32C/8A Datasheet HTML 274Page - Renesas Technology Corp M32C/8A Datasheet HTML 275Page - Renesas Technology Corp M32C/8A Datasheet HTML 276Page - Renesas Technology Corp M32C/8A Datasheet HTML 277Page - Renesas Technology Corp M32C/8A Datasheet HTML 278Page - Renesas Technology Corp M32C/8A Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 372 page
background image
M32C/8A Group
18. A/D Converter
Rev.1.00
Jul 15, 2007
Page 258 of 352
REJ09B0385-0100
Figure 18.6
AD0CON4 Register, AD00 to AD07 Registers
b7
0
0
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
AD0CON4
Address
0392h
After Reset
XXXX 00XXb
b0
Function
Bit Symbol
Bit Name
RW
−
(b7-b4)
Reserved bits
RW
A/D0 Control Register 4(1)
MPS10
RW
RW
MPS11
b3 b2
0 0: (Note 3)
0 1: AN_0 to AN_7, AN15_0 to AN15_7
1 0:
1 1:
Multi-port sweep port
select bits(2)
−
(b1-b0)
RW
Set to 0.
Read as undefined value.
NOTES:
1. If the AD0CON4 register is rewritten during A/D conversion, the conversion result will be incorrect.
2. Set bits MPS11 and MPS10 to 00b in the 100-pin package.
3. When the MSS bit in the AD0CON3 register is set to 0 (multi-port sweep mode not used), set bits MPS11 and MPS10 to 00b.
When the MSS bit is set to 1 (multi-port sweep mode used), set bits MPS11 and MPS10 to 01b.
Reserved bits
Set to 0.
Read as undefined value.
b15
b7
b8
A/D0 Register i(1, 2, 3, 4) (i = 0 to 7)
Symbol
AD00
AD01 to AD03
AD04 to AD06
AD07
Address
0381h - 0380h
0383h - 0382h, 0385h - 0384h, 0387h - 0386h
0389h - 0388h, 038Bh - 038Ah, 038Dh - 038Ch
038Fh - 038Eh
After Reset
b0
00000000 XXXXXXXXb
00000000 XXXXXXXXb
00000000 XXXXXXXXb
00000000 XXXXXXXXb
Function
RW
RO
NOTES:
1. When the AD0i register is read by program in DMAC operating mode, the conversion result is incorrect.
2. If the next A/D conversion result is stored before reading the previous result in the AD0i register, the result will be incorrect.
3. Only AD00 register is enabled in DMAC operating mode. The contents of other registers are undefined.
4. When using both DMAC operating mode and 10-bit mode, select a 16-bit transfer for DMAC.
RO
RO
In 10-bit mode: 2 high-order bits of A/D conversion result
In 8-bit mode: Read as 0.
8 low-order bits of A/D conversion result
Reserved bits. Read as 0.
0
0
0
0
0 0
Do not set to these values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com