| Electronic Components Datasheet Search |
|
M32C/8A Datasheet(PDF) 277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Datasheet(HTML) 277 Page - Renesas Technology Corp |
|
277 / 372 page ![]() M32C/8A Group 18. A/D Converter Rev.1.00 Jul 15, 2007 Page 260 of 352 REJ09B0385-0100 18.1.1 One-Shot Mode In one-shot mode, analog voltage applied to a selected pin is converted to a digital code once. Table 18.4 lists specifications of one-shot mode. Table 18.4 One-Shot Mode Specifications Item Specification Function Analog voltage applied to a selected pin is converted once Analog input pins Select one pin from AN_0 to AN_7, AN15_0 to AN15_7, ANEX0, or ANEX1 The following register settings determine which pin is used: • Bits CH2 to CH0 in the AD0CON0 register • Bits OPA1 and OPA0 in the AD0CON1 register • Bits APS1 and APS0 in the AD0CON2 register Start Condition Software trigger is selected. (TRG bit in the AD0CON0 register = 0): • the ADST bit in the AD0CON0 register is set to 1 (A/D conversion starts) External trigger, hardware trigger is selected (TRG bit = 1): • TRG0 bit in the AD0CON2 register = 0 The falling edge is detected on the ADTRG pin after the ADST bit is set to 1 • TRG0 bit = 1 Timer B2 interrupt request of three-phase motor control timer function (after the ICTB2 register completes counting) is generated after the ADST bit is set to 1. Stop condition • A/D conversion is completed (the ADST bit becomes 0 when software trigger is selected). • Set the ADST bit to 0 by program (A/D conversion stops). Interrupt request generation timing When the A/D conversion is completed Read of A/D conversion result • DMAC operating mode is not used (DUS bit in the AD0CON3 register = 0): Read the AD0j register (j = 0 to 7) corresponding to a selected pin by program. • DMAC operating mode is used (DUS bit = 1): A/D conversion result is stored into the AD00 register after A/D conversion is completed. Then, DMAC transfers the data from the AD00 register to a given memory space. (Refer to 13. DMAC for DMAC settings) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |