Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 276Page - Renesas Technology Corp M32C/8A Datasheet HTML 277Page - Renesas Technology Corp M32C/8A Datasheet HTML 278Page - Renesas Technology Corp M32C/8A Datasheet HTML 279Page - Renesas Technology Corp M32C/8A Datasheet HTML 280Page - Renesas Technology Corp M32C/8A Datasheet HTML 281Page - Renesas Technology Corp M32C/8A Datasheet HTML 282Page - Renesas Technology Corp M32C/8A Datasheet HTML 283Page - Renesas Technology Corp M32C/8A Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 372 page
background image
M32C/8A Group
18. A/D Converter
Rev.1.00
Jul 15, 2007
Page 263 of 352
REJ09B0385-0100
18.1.4
Repeat Sweep Mode 0
In repeat sweep mode 0, analog voltage applied to multiple selected pins is repeatedly converted to a digital
code.
Table 18.7 lists specifications of repeat sweep mode 0.
Table 18.7
Repeat Sweep Mode 0 Specifications
Item
Specification
Function
Analog voltage applied to selected pins is repeatedly converted
Analog input pins
Select one of the following.
2 pins (ANi_0 and ANi_1) (i = none, 15)
4 pins (ANi_0 to ANi_3)
6 pins (ANi_0 to ANi_5)
8 pins (ANi_0 to ANi_7)
The following register settings determine which pins are used:
• Bits SCAN1 and SCAN0 in the AD0CON1 register
• Bits APS1 and APS0 in the AD0CON2 register
Start condition
Software trigger is selected. (TRG bit in the AD0CON0 register = 0):
• the ADST bit in the AD0CON0 register is set to 1 (A/D conversion starts)
External trigger, hardware trigger is selected (TRG bit = 1):
• TRG0 bit in the AD0CON2 register = 0
The falling edge is detected on the ADTRG pin after the ADST bit is set to 1
• TRG0 bit = 1
Timer B2 interrupt request of three-phase motor control timer function (after
the ICTB2 register completes counting) is generated after the ADST bit is set
to 1.
Stop condition
Set the ADST bit register to 0 (A/D conversion stops)
Interrupt request generation timing • DMAC operating mode is not used (DUS bit in the AD0CON3 register = 0):
Interrupt request is not generated
• DMAC operating mode is used (DUS bit = 1):
Interrupt request is generated every time each A/D conversion is completed
Read of A/D conversion result
• DMAC operating mode is not used (DUS bit = 0):
Read the AD0j register (j = 0 to 7) corresponding to a selected pin by program.
• DMAC operating mode is used (DUS bit = 1):
A/D conversion result is stored into the AD00 register after A/D conversion is
completed. Then, DMAC transfers the data from the AD00 register to a given
memory space. (Refer to 13. DMAC for DMAC settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com