| Electronic Components Datasheet Search |
|
M32C/8A Datasheet(PDF) 283 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Datasheet(HTML) 283 Page - Renesas Technology Corp |
|
283 / 372 page ![]() M32C/8A Group 18. A/D Converter Rev.1.00 Jul 15, 2007 Page 266 of 352 REJ09B0385-0100 18.1.6 Multi-Port Single Sweep Mode In multi-port single sweep mode, analog voltage applied to 16 selected pins is converted to a digital code once for each pin. Set the DUS bit in the AD0CON3 register to 1 (DMAC operating mode enabled). Table 18.9 lists specifications of multi-port single sweep mode. Table 18.9 Multi-Port Single Sweep Mode Specifications Item Specification Function Analog voltage applied to the 16 selected pins is repeatedly converted once for each pin in the following order: AN_0 to AN_7 → AN15_0 to AN15_7 Analog input pins • AN_0 → AN_1 → . . . → AN_7 → AN15_0 → AN15_1→ . . . → AN15_7 The following register settings determine which pins are used: Bits MPS11 and MPS10 in the AD0CON4 register Start condition Software trigger is selected. (TRG bit in the AD0CON0 register = 0): • the ADST bit in the AD0CON0 register is set to 1 (A/D conversion starts) External trigger, hardware trigger is selected (TRG bit = 1): • TRG0 bit in the AD0CON2 register = 0 The falling edge is detected on the ADTRG pin after the ADST bit is set to 1 • TRG0 bit = 1 Timer B2 interrupt request of three-phase motor control timer function (after the ICTB2 register completes counting) is generated after the ADST bit is set to 1. Stop condition • A sequence of A/D conversions is completed (the ADST bit becomes 0 when software trigger is selected) • Set the ADST bit to 0 by program (A/D conversion stops) Interrupt request generation timing An interrupt request is generated every time each A/D conversion is completed (Set the DUS bit in the AD0CON3 register to 1) Read of A/D conversion result A/D conversion result is stored into the AD00 register after A/D conversion is completed. Then, DMAC transfers the data from the AD00 register to a given memory space. Refer to 13. DMAC for DMAC settings. (Set the DUS bit in the AD0CON3 register to 1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |