| Electronic Components Datasheet Search |
|
M32C/8A Datasheet(PDF) 286 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Datasheet(HTML) 286 Page - Renesas Technology Corp |
|
286 / 372 page ![]() M32C/8A Group 18. A/D Converter Rev.1.00 Jul 15, 2007 Page 269 of 352 REJ09B0385-0100 18.2.6 External Operating Amplifier (Op-Amp) Connection Mode In external op-amp connection mode, multiple analog voltage can be amplified by one external op-amp using extended analog input pins, ANEX0 and ANEX1. When bits OPA1 and OPA0 are set to 11b (external op-amp connection), voltage applied to pins AN_0 to AN_7 are output from the ANEX0. Amplify this output signal by external op-amp and apply it to the ANEX1. Analog voltage applied to ANEX1 is converted to a digital code and the A/D conversion result is stored into the corresponding AD0i register (i = 0 to 7). The A/D conversion rate varies depending on the response characteristics of the external op-amp. The ANEX0 pin cannot be connected to the ANEX1 pin directly. Set bits APS1 and APS0 in the AD0CON2 register to 00b (AN_0 to AN_7, ANEX0, ANEX1). Figure 18.8 shows a connection example of external op-amp connection mode. Table 18.12 Extended Analog Input Pin Settings Figure 18.8 Connection Example in External Op-Amp Connection Mode 18.2.7 Power Consumption Reduce Function When not using the A/D converter, the VCUT bit in the AD0CON1 register can disconnect the resistor ladder of the A/D converter from the reference voltage input pin (VREF). As a result, power consumption can be reduced by shutting off any current flow into the resistor ladder from the VREF pin. When using the A/D converter, set the VCUT bit to 1 (VREF connected) prior to setting the ADST bit in the AD0CON0 register to 1 (A/D conversion starts). Do not set the VCUT bit to 0 (VREF not connected) during A/D conversion. Even if the VCUT bit is set to 0, VREF remains connected to the D/A converter. AD0CON1 Register ANEX0 Function ANEX1 Function OPA1 Bit OPA0 Bit 0 0 Not used Not used 0 1 P9_5 as an analog input Not used 1 0 Not used P9_6 as an analog input 1 1 Output to external op-amp Input from external op-amp Successive conversion register AN_0 AN_2 AN_1 AN_3 AN_4 AN_5 AN_6 AN_7 Analog input ANEX1 External op-amp ANEX0 Resistor ladder Bits APS1 and APS0 in the AD0CON2 register 00b Comparator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |