Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 285Page - Renesas Technology Corp M32C/8A Datasheet HTML 286Page - Renesas Technology Corp M32C/8A Datasheet HTML 287Page - Renesas Technology Corp M32C/8A Datasheet HTML 288Page - Renesas Technology Corp M32C/8A Datasheet HTML 289Page - Renesas Technology Corp M32C/8A Datasheet HTML 290Page - Renesas Technology Corp M32C/8A Datasheet HTML 291Page - Renesas Technology Corp M32C/8A Datasheet HTML 292Page - Renesas Technology Corp M32C/8A Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 372 page
background image
M32C/8A Group
19. D/A Converter
Rev.1.00
Jul 15, 2007
Page 272 of 352
REJ09B0385-0100
19. D/A Converter
The D/A converter consists of two independent 8-bit R-2R ladder D/A converter circuits.
Digital code is converted to an analog voltage every time a value to be converted is written to the corresponding DAi
register (i = 0, 1).
The DAiE bit in the DACON register determines whether the D/A conversion result is output or not. When the DAiE
bit is set to 1 (input enabled), the corresponding port cannot be pulled up.
When the D/A converter is not used, set the DAi register to 00h and the DAiE bit to 0 (output disabled).
Output analog voltage (
V) is obtained from the value n (n = decimal) set in the DAi register.
VREF: Reference voltage (VREF remains connected even if the VCUT bit in the AD0CON1 register is set to 0)
Table 19.1 lists specifications of the D/A converter. Figure 19.1 shows a block diagram of the D/A converter. Table
19.2 lists pin settings of DA0 and DA1. Figure 19.2 shows registers associated with the D/A converter. Figure 19.3
shows a D/A converter equivalent circuit.
Table 19.1
D/A Converter Specifications
Figure 19.1
D/A Converter Block Diagram
Table 19.2
Pin Settings
NOTES:
1. Set the PS3 register after setting other registers.
2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do
not generate an interrupt or a DMA or DMACII transfer between these two instructions.
Item
Specification
D/A conversion method
R-2R
Resolution
8 bits
Analog output pin
2 channels
Port
Function
Bit Setting
PD9 Register(2)
PSL3 Register
PS3 Register(1)(2)
P9_3
DA0 output
PD9_3=0
PSL3_3=1
PS3_3=0
P9_4
DA1 output
PD9_4=0
PSL3_4=1
PS3_4=0
V =
256
VREF x n
(n = 0 to 255)
DA0E, DA1E: Bits in the DACON register
Low-order bits of data bus
R-2R Resistor Ladder
DA1 Register
R-2R Resistor Ladder
DA0E
DA1E
DA1
DA0
1
1
0
0
DA0 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com