Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 287Page - Renesas Technology Corp M32C/8A Datasheet HTML 288Page - Renesas Technology Corp M32C/8A Datasheet HTML 289Page - Renesas Technology Corp M32C/8A Datasheet HTML 290Page - Renesas Technology Corp M32C/8A Datasheet HTML 291Page - Renesas Technology Corp M32C/8A Datasheet HTML 292Page - Renesas Technology Corp M32C/8A Datasheet HTML 293Page - Renesas Technology Corp M32C/8A Datasheet HTML 294Page - Renesas Technology Corp M32C/8A Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 372 page
background image
M32C/8A Group
20. CRC Calculation
Rev.1.00
Jul 15, 2007
Page 274 of 352
REJ09B0385-0100
20. CRC Calculation
The CRC (Cyclic Redundancy Check) calculation detects an error in data blocks. A generator polynomial of CRC -
CCITT (X16 + X12 + X5 + 1) generates CRC code.
The CRC code is a 16-bit code generated for a given length of the data block in bytes. The CRC code is stored in the
CRCD register every time one-byte data is transferred to the CRCIN register after a default value is written to the
CRCD register. CRC code generation for one-byte data is completed in two bus clock cycles.
Figure 20.1 shows a block diagram of the CRC circuit. Figure 20.2 shows CRC-associated registers. Figure 20.3
shows an example of the CRC calculation.
Figure 20.1
CRC Calculation Block Diagram
Figure 20.2
CRCD Register, CRCIN Register
CRCD register
High-order bits of data bus
Low-order bits of data bus
8 low-order bits
8 high-order bits
CRC code generation circuit
X16 + X12 + X5 + 1
CRCIN register
b15
Symbol
CRCD
Address
037Dh - 037Ch
After Reset
Undefined
b0
Function
RW
After default value is written to the CRCD register, the CRC code
can be read from the CRCD register by writing data to the CRCIN
register. Bit position of the default value is inverted. The inverted
value is read as the CRC code.
0000h to FFFFh
CRC Data Register
RW
Setting Range
b8 b7
b7
Symbol
CRCIN
Adddress
037Eh
b0
Function
RW
Data input.
Inverse bit position of data
00h to FFh
CRC Input Register
RW
Setting Range
After Reset
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com