Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 289Page - Renesas Technology Corp M32C/8A Datasheet HTML 290Page - Renesas Technology Corp M32C/8A Datasheet HTML 291Page - Renesas Technology Corp M32C/8A Datasheet HTML 292Page - Renesas Technology Corp M32C/8A Datasheet HTML 293Page - Renesas Technology Corp M32C/8A Datasheet HTML 294Page - Renesas Technology Corp M32C/8A Datasheet HTML 295Page - Renesas Technology Corp M32C/8A Datasheet HTML 296Page - Renesas Technology Corp M32C/8A Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 372 page
background image
M32C/8A Group
21. X/Y Conversion
Rev.1.00
Jul 15, 2007
Page 276 of 352
REJ09B0385-0100
21. X/Y Conversion
The X/Y conversion rotates a 16 x 16 matrix data by 90 degrees and also inverts high-order bits and low-order bits of a
16-bit data. Figure 21.1 shows the XYC register.
The 16-bit XiR register (i = 0 to 15) and 16-bit YjR register (j = 0 to 15) are allocated to the same address. The XiR
register is a write-only register, while the YjR register is a read-only register. Access registers XiR and YjR from an
even address in 16-bit units. Performance cannot be guaranteed if registers XiR and YjR are accessed in 8-bit units.
Figure 21.1
XYC Register
The XYC0 bit in the XYC register determines how to read the YjR register.
When setting the XYC0 bit to 0 (data converted) and reading the YjR register, all the bits j in registers X0R to X15R
can be read.
For example, bit 0 in the X0R register can be read when reading bit 0 in the Y0R register, bit 0 in the X1R register
when reading bit 1 in the Y0R register..., bit 0 in the X14R register when reading bit 14 in the Y0R register, and bit 0 in
the X15R register when reading bit 15 in the Y0R register.
Figure 21.2 shows a conversion table when the XYC0 bit is set to 0. Figure 21.3 shows an example of the X/Y
conversion.
Unimplemented.
Write 0. Read as undefined value.
Read mode set bit
X/Y Control Register
Symbol
XYC
Address
02E0h
Bit
Symbol
RW
XYC0
After Reset
XXXX XX00b
XYC1
−
(b7-b2)
RW
RW
b7 b6 b5 b4
b1
b2
b3
b0
Bit Name
Function
0: Data converted
1: Data not converted
Write mode set bit
−
0: Bit alignment not converted
1: Bit alignment converted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com