Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 292Page - Renesas Technology Corp M32C/8A Datasheet HTML 293Page - Renesas Technology Corp M32C/8A Datasheet HTML 294Page - Renesas Technology Corp M32C/8A Datasheet HTML 295Page - Renesas Technology Corp M32C/8A Datasheet HTML 296Page - Renesas Technology Corp M32C/8A Datasheet HTML 297Page - Renesas Technology Corp M32C/8A Datasheet HTML 298Page - Renesas Technology Corp M32C/8A Datasheet HTML 299Page - Renesas Technology Corp M32C/8A Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 279 of 352
REJ09B0385-0100
22. Programmable I/O Ports
75 programmable I/O ports, P6 to P15 (excluding P8_5), are available in the 144-pin package, and 39 programmable
I/O ports, P6 to P10 (excluding P8_5), are available in the 100-pin package. In microprocessor mode, P0 to P5 function
as bus control pins and cannot be used as I/O ports. P1_0 to P1_7, however, can be used as I/O ports when using with
8-bit external bus width only. The Port Pi Direction Registers determine individual port status, input or output. The
pull-up control registers determine whether the ports, divided into groups of four, are pulled up or not. P8_5 is an
input-only port and cannot be pulled up internally. The P8_5 bit in the P8 register indicates an NMI input level since
P8_5 shares its pin with NMI.
Figures 22.1 to 22.4 show programmable I/O port configurations.
Each pin functions as a programmable I/O port or I/O pin for internal peripheral functions, or bus control pin.
To use as an I/O pin for peripheral functions, refer to the description for individual peripheral functions. Refer to
8. Bus when used as a bus control pin.
Registers associated with the programmable I/O ports are as follows.
22.1
Port Pi Direction Register (PDi Register, i = 0 to 15)
Figure 22.5 shows the PDi register.
The PDi register configures a programmable I/O port as either input or output. Each bit in the PDi register
corresponds to one port.
In microprocessor mode, the PDi register corresponding to the following bus control pins cannot be written: A0 to
A22, A23, D0 to D15, CS0 to CS3, WRL / WR, WRH / BHE, RD, BCLK / ALE / CLKOUT, HLDA / ALE,
HOLD, ALE, and RDY. No bit controlling P8_5 is provided in the PDi register.
22.2
Port Pi Register (Pi Register, i = 0 to 15)
Figure 22.6 shows the Pi register.
The MCU inputs/outputs data from/to external devices by reading and writing to the Pi register. The Pi register
consists of a port latch to hold output data and a circuit to read the pin level. Each bit in the Pi register corresponds
to one port.
In microprocessor mode, the Pi register corresponding to the following bus control pins cannot be written, nor read
the port level: A0 to A22, A23, D0 to D15, CS0 to CS3, WRL/ WR, WRH / BHE, RD, BCLK / ALE / CLKOUT,
HLDA / ALE, HOLD, ALE, and RDY.
22.3
Function Select Register A (PSj Register, j = 0 to 3)
Figures 22.7 to 22.8 show the PSj registers.
The PSj register selects either I/O port or peripheral function output if these functions share a single pin (excluding
DA0 and DA1).
When multiple peripheral function outputs are assigned to a single pin, set registers PSL0 to PSL3, and PSC to
select which function to use.
Tables 22.2 to 22.6 list peripheral function output control settings for each pin.
22.4
Function Select Register B (PSLk Register, k = 0 to 3)
Figures 22.9 to 22.10 show the PSLk register.
When multiple peripheral function outputs are assigned to a single pin, the PSLk register select which peripheral
function output to use.
Refer to 22.8 Analog Input and Other Peripheral Function Input for information on bits PSL3_3 to PSL3_6 in
the PSL3 register.
22.5
Function Select Register C (PSC Register)
Figure 22.11 shows the PSC register.
When multiple peripheral function outputs are assigned to a single pin, the PSC register selects which peripheral
function output to use.
Refer to 22.8 Analog Input and Other Peripheral Function Input for information on the PSC_7 bit in the PSC
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com